Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ADS1675 Datasheet(PDF) 7 Page - Texas Instruments

Part # ADS1675
Description  4MSPS, 24-Bit Analog-to-Digital Converter
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

ADS1675 Datasheet(HTML) 7 Page - Texas Instruments

Back Button ADS1675 Datasheet HTML 3Page - Texas Instruments ADS1675 Datasheet HTML 4Page - Texas Instruments ADS1675 Datasheet HTML 5Page - Texas Instruments ADS1675 Datasheet HTML 6Page - Texas Instruments ADS1675 Datasheet HTML 7Page - Texas Instruments ADS1675 Datasheet HTML 8Page - Texas Instruments ADS1675 Datasheet HTML 9Page - Texas Instruments ADS1675 Datasheet HTML 10Page - Texas Instruments ADS1675 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 40 page
background image
t
LSCLKDC
DRDY
MSB
LSB
MSB
D UT
O
S LK
C
t
LSCLKDR
t
LDOPD
t
LDRPW
t
LSCLK
CLK
SCLK
START
DRDY
t
STCLK
t
LSCLKDR
t
LSCLK
t
LCLKSCLK
t
SETTLE
t
LPLLSTL
t
CLK
t
SETTLE
ADS1675
www.ti.com
SBAS416D – DECEMBER 2008 – REVISED AUGUST 2010
TIMING CHARACTERISTICS
(1) High-speed LVDS valid only for DRATE = 100 and DRATE = 101.
(2) Timing shown is the single-end version of the LVDS signal pairs.
Figure 1. High-Speed LVDS Data Retrieval Timing
TIMING REQUIREMENTS: High-Speed LVDS
At TA = –40°C to +85°C, and DVDD = 2.85V to 3.15V.
SYMBOL
DESCRIPTION
MIN
TYP
MAX
UNIT
tLDRPW
DRDY pulse width
2
4
tLSCLKs
tLSCLKDR
SCLK to DRDY delay
2
3
ns
tLDOPD
Valid data delay time from serial shift clock
1.5
2.5
ns
tLSCLK
Period of LVDS serial shift clock (SCLK)
0.33
tCLKs
tLSCLKDC
Shift clock duty cycle
47
53
%
tCLK
CLK period (1/fCLK)
31.25
ns
tLCLKSCLK
Delay from rising edge of CLK to rising edge of SCLK
13
20
ns
tLPLLSTL
PLL settling time
80
ms
tSTCLK
Setup time, rising edge of START to falling edge of CLK
–3
3
ns
tSETTLE
Digital filter settling time
See Table 5 and Table 6
Figure 2. PLL Timing
Copyright © 2008–2010, Texas Instruments Incorporated
Submit Documentation Feedback
7
Product Folder Link(s): ADS1675



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com