Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ADS1675 Datasheet(PDF) 22 Page - Texas Instruments

Part # ADS1675
Description  4MSPS, 24-Bit Analog-to-Digital Converter
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

ADS1675 Datasheet(HTML) 22 Page - Texas Instruments

Back Button ADS1675 Datasheet HTML 18Page - Texas Instruments ADS1675 Datasheet HTML 19Page - Texas Instruments ADS1675 Datasheet HTML 20Page - Texas Instruments ADS1675 Datasheet HTML 21Page - Texas Instruments ADS1675 Datasheet HTML 22Page - Texas Instruments ADS1675 Datasheet HTML 23Page - Texas Instruments ADS1675 Datasheet HTML 24Page - Texas Instruments ADS1675 Datasheet HTML 25Page - Texas Instruments ADS1675 Datasheet HTML 26Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 40 page
background image
20
0
20
40
60
80
100
120
140
-
-
-
-
-
-
-
0
NormalizedFrequency(f /
IN
)
f
CLK
1.0
2.0
3.0
0.5
2.5
1.5
120
100
80
60
40
20
0
20
-
0
10
20
30
40
50
60
Conversions(1/f
)
DRDY-WB
FullySettledat
55Conversions
START
DRDY
t
DRDY
(1)
t
DRDY
t
DRDY
t
DRDY
CLK
t
SETTLE
t
START_CLKR
ADS1675
SBAS416D – DECEMBER 2008 – REVISED AUGUST 2010
www.ti.com
Settling Time
The overall frequency response repeats at the
modulator sampling rate, which is the same as the
The
Wide-Bandwidth
filter
fully
settles
before
input clock frequency. Figure 46 shows the response
indicating data are ready for retrieval after the START
with the fastest data rate selected (4 MSPS when fCLK
pin is taken high, as shown in Figure 48. For this
= 32MHz).
filter, the settling time is larger than the conversion
time: tSETTLE-WB > tDRDY-WB. Instantaneous steps on
the input require multiple conversions to settle if
START is not pulsed. Figure 47 shows the settling
response with the x-axis normalized to conversions or
data-ready cycles. The output is fully settled after 55
data-ready cycles.
Figure 46. Extended Frequency Response of
Wide-Bandwidth Path
Phase Response
The Wide-Bandwidth filter uses a multiple-stage,
linear-phase digital filter. Linear phase filters exhibit
Figure 47. Step Response for
constant delay time versus input frequency (also
Wide-Bandwidth Filter
know as constant group delay). This feature means
that the time delay from any instant of the input signal
to the corresponding same instant of the output data
is constant and independent of the input signal
frequency. This behavior results in essentially zero
phase error when measuring multi-tone signals.
(1) tDRDY = 1/fDATA. See Table 6 for the relationship between tSETTLE and tDRDY when using the Wide-Bandwidth filter.
Figure 48. START Pin Used for Multiple Conversions with Wide-Bandwidth Filter Path
22
Submit Documentation Feedback
Copyright © 2008–2010, Texas Instruments Incorporated
Product Folder Link(s): ADS1675



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com