Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ADS1675 Datasheet(PDF) 13 Page - Texas Instruments

Part # ADS1675
Description  4MSPS, 24-Bit Analog-to-Digital Converter
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

ADS1675 Datasheet(HTML) 13 Page - Texas Instruments

Back Button ADS1675 Datasheet HTML 9Page - Texas Instruments ADS1675 Datasheet HTML 10Page - Texas Instruments ADS1675 Datasheet HTML 11Page - Texas Instruments ADS1675 Datasheet HTML 12Page - Texas Instruments ADS1675 Datasheet HTML 13Page - Texas Instruments ADS1675 Datasheet HTML 14Page - Texas Instruments ADS1675 Datasheet HTML 15Page - Texas Instruments ADS1675 Datasheet HTML 16Page - Texas Instruments ADS1675 Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 40 page
background image
115
110
105
100
95
1.5
2.0
2.5
3.0
3.5
InputCommon-ModeVoltage(V)
f
=10kHz
f
=4MSPS
WBFilter
IN
DATA
AIN= 0.5dBFS
-
AIN= 6dBFS
-
93.0
92.5
92.0
91.5
91.0
90.5
90.0
89.5
89.0
88.5
88.0
0
10
20
30
40
50
60
R
(k )
W
BIAS
f
=10kHz
AIN= 0.5dBFS
IN
-
f
=8MHz
CLK
f
=16MHz
CLK
f
=32MHz
CLK
114
112
110
108
106
104
102
100
98
96
94
0
10
20
30
40
50
60
R
(k )
W
BIAS
f
=10kHz
AIN= 0.5dBFS
IN
-
f
=8MHz
CLK
f
=16MHz
CLK
f
=32MHz
CLK
1100
1000
900
800
700
600
500
400
300
200
100
0
10
20
30
40
50
60
R
(k )
W
BIAS
f
=10kHz
AIN= 0.5dBFS
IN
-
f
=8MHz
CLK
f
=16MHz
CLK
f
=32MHz
CLK
105
100
95
90
-40
-15
10
35
60
85
Temperature( C)
°
f
=10kHz
AIN= 0.5dBFS
f
=4MSPS
WB
IN
DATA
-
Filter
|THD|
SNR
112
110
108
106
104
102
100
98
96
94
92
8 16
32
64
256
OversamplingRatio
InputShorted
f
=32MHz
125kSPS:DRATE=000
250kSPS:
500kSPS:
1MSPS:
2MSPS:
4MSPS:
CLK
DRATE=001
DRATE=010
DRATE=011
DRATE=100
DRATE=101
128
LLFilter
WBFilter
ADS1675
www.ti.com
SBAS416D – DECEMBER 2008 – REVISED AUGUST 2010
TYPICAL CHARACTERISTICS (continued)
All specifications are at TA = –40°C to +85°C, AVDD = 5V, DVDD = 3V, fCLK = 32MHz, VREF = +3V, and RBIAS = 7.5kΩ, unless
otherwise noted.
|TOTAL HARMONIC DISTORTION|
vs INPUT COMMON-MODE VOLTAGE
SIGNAL-TO-NOISE RATIO vs RBIAS
Figure 24.
Figure 25.
|TOTAL HARMONIC DISTORTION| vs RBIAS
POWER vs RBIAS
Figure 26.
Figure 27.
SIGNAL-TO-NOISE RATIO AND
|TOTAL HARMONIC DISTORTION|
vs TEMPERATURE
DYNAMIC RANGE vs OVERSAMPLING RATIO
Figure 28.
Figure 29.
Copyright © 2008–2010, Texas Instruments Incorporated
Submit Documentation Feedback
13
Product Folder Link(s): ADS1675



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com