Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

SPSB100BTR Datasheet(PDF) 57 Page - STMicroelectronics

Part # SPSB100BTR
Description  Automotive power management IC for highly integrated processors
PDF  213 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SPSB100BTR Datasheet(HTML) 57 Page - STMicroelectronics

Back Button SPSB100BTR Datasheet HTML 53Page - STMicroelectronics SPSB100BTR Datasheet HTML 54Page - STMicroelectronics SPSB100BTR Datasheet HTML 55Page - STMicroelectronics SPSB100BTR Datasheet HTML 56Page - STMicroelectronics SPSB100BTR Datasheet HTML 57Page - STMicroelectronics SPSB100BTR Datasheet HTML 58Page - STMicroelectronics SPSB100BTR Datasheet HTML 59Page - STMicroelectronics SPSB100BTR Datasheet HTML 60Page - STMicroelectronics SPSB100BTR Datasheet HTML 61Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 57 / 213 page
background image
5.1.1
Physical Layer
Figure 32. SPI pin description
CSN
SCK
SDI
SDO
SPSB100
SPI
μC
5.2
Signal description
Chip select not (CSN)
The communication interface is deselected when this input signal is logically high. A falling edge on CSN enables
and starts the communication while a rising edge finishes the communication and the sent command is executed
when a valid frame was sent. At CSN falling and rising edges the serial clock (CLK) has to be logically low. The
serial data out (SDO) is in high impedance when CSN is high or a communication timeout is detected.
Serial clock (CLK)
CLK provides the clock of the SPI. Data present at serial data input (SDI) is latched on the rising edge of serial
clock (CLK) into the internal shift registers while on the falling edge data from the internal shift registers are
shifted out to serial data out (SDO).
Serial data input (SDI)
This input is used to transfer data serially into the device. Data is latched on the rising edge of the serial clock
(CLK).
Serial data output (SDO)
This output signal is used to transfer data serially out of the device. Data is shifted out on the falling edge of the
serial clock (CLK).
5.2.1
Clock and data characteristics
The ST-SPI can be driven by a microcontroller with its SPI peripheral running in the following modes:
•
CPOL = 0
•
CPHA = 0
SPSB100
Serial peripheral interface (SPI)
DS14640 - Rev 2
page 57/213



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com