Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

SPSB100BTR Datasheet(PDF) 74 Page - STMicroelectronics

Part # SPSB100BTR
Description  Automotive power management IC for highly integrated processors
PDF  213 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SPSB100BTR Datasheet(HTML) 74 Page - STMicroelectronics

Back Button SPSB100BTR Datasheet HTML 70Page - STMicroelectronics SPSB100BTR Datasheet HTML 71Page - STMicroelectronics SPSB100BTR Datasheet HTML 72Page - STMicroelectronics SPSB100BTR Datasheet HTML 73Page - STMicroelectronics SPSB100BTR Datasheet HTML 74Page - STMicroelectronics SPSB100BTR Datasheet HTML 75Page - STMicroelectronics SPSB100BTR Datasheet HTML 76Page - STMicroelectronics SPSB100BTR Datasheet HTML 77Page - STMicroelectronics SPSB100BTR Datasheet HTML 78Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 74 / 213 page
background image
Symbol
Parameter
Condition
Min
Typ
Max Unit
IBoost_HS_source2
HS driver source current
VFBB = 8.5 V
VGLB = 8 V
10
25
45
mA
RBoost_gate_pulldown Resistive gate pull-down
BOOST_DIS = 1
3
5
8
kΩ
IVS__stdby
Current leakage on VS pin in
stdby
-
-
2
μA
IVS_Sense
Sink current on VS active mode
120
180
250
μA
VBOOST_VDSM1
Boost drain-source rising
threshold voltage
BOOST_DSMON_TH = 000
220
250
280
mV
VBOOST_VDSM2
Boost drain-source rising
threshold voltage
BOOST_DSMON_TH = 001
420
450
480
mV
VBOOST_VDSM3
Boost drain-source rising
threshold voltage
BOOST_DSMON_TH = 010
610
650
680
mV
VBOOST_VDSM4
Boost drain-source rising
threshold voltage
BOOST_DSMON_TH = 011
800
850
900
mV
VBOOST_VDSM5
Boost drain-source rising
threshold voltage
BOOST_DSMON_TH = 100
1.04
1.1
1.16
V
VBOOST_VDSM6
Boost drain-source rising
threshold voltage
BOOST_DSMON_TH = 101
1.24
1.3
1.36
V
VBOOST_VDSM7
Boost drain-source rising
threshold voltage
BOOST_DSMON_TH = 110
1.35
1.5
1.65
V
VBOOST_VDSM8
Boost drain-source rising
threshold voltage
BOOST_DSMON_TH = 111
1.53
1.7
1.87
V
VBOOST_VDSM_HYS_H
Boost drain-source threshold
voltage hysteresis for high
VDSM codes
BOOST_DSMON_TH = 1xx
75
100
125
mV
VBOOST_VDSM_HYS_L
Boost drain-source threshold
voltage hysteresis for low VDSM
codes
BOOST_DSMON_TH = 0xx
25
50
75
mV
VTH_BYPASS_R1
Bypass external MOSFET
enable comparator rising
threshold, rising VVS
If BUCK1 and BUCK2 voltage settings
are = 3.3 V
8.65
9
9.35
V
VTH_BYPASS_F1
Bypass external MOSFET
disable comparator falling
threshold, rising VVS
If BUCK1 and BUCK2 voltage settings
are = 3.3 V
8.4
8.75
9.1
V
VTH_BYPASS_R2
Bypass external MOSFET
enable comparator rising
threshold, rising VVS
If BUCK1 or BUCK2 voltage settings
are above 3.3 V (5.0 or 6.5 V)
10.15 10.50 10.85
V
VTH_BYPASS_F2
Bypass external MOSFET
disable comparator falling
threshold, rising VVS
If BUCK1 or BUCK2 voltage settings
are above 3.3 V (5.0 or 6.5 V)
9.9
10.25 10.60
V
TF_BYPASS_EN(1)
digital filter time on bypass
external MOSFET enable
comparator output
12
15
22
µs
TF_BYPASS_DIS(1)
digital filter time on bypass
external MOSFET disable
comparator output
0
0.24
0.4
µs
VBYPASS_VDSM1
Bypass drain-source rising
threshold voltage
BYPASS_DSMON_TH = 000
75
125
175
mV
VBYPASS_VDSM2
Bypass drain-source rising
threshold voltage
BYPASS _DSMON_TH = 001
125
165
225
mV
VBYPASS_VDSM3
Bypass drain-source rising
threshold voltage
BYPASS _DSMON_TH = 010
175
225
275
mV
SPSB100
Electrical characteristics
DS14640 - Rev 2
page 74/213



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com