Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

SPSB100BTR Datasheet(PDF) 36 Page - STMicroelectronics

Part # SPSB100BTR
Description  Automotive power management IC for highly integrated processors
PDF  213 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SPSB100BTR Datasheet(HTML) 36 Page - STMicroelectronics

Back Button SPSB100BTR Datasheet HTML 32Page - STMicroelectronics SPSB100BTR Datasheet HTML 33Page - STMicroelectronics SPSB100BTR Datasheet HTML 34Page - STMicroelectronics SPSB100BTR Datasheet HTML 35Page - STMicroelectronics SPSB100BTR Datasheet HTML 36Page - STMicroelectronics SPSB100BTR Datasheet HTML 37Page - STMicroelectronics SPSB100BTR Datasheet HTML 38Page - STMicroelectronics SPSB100BTR Datasheet HTML 39Page - STMicroelectronics SPSB100BTR Datasheet HTML 40Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 213 page
background image
•
If this option is selected, then the device waits for the PG signal of all turned ON regulators at step N. A
time-out is used to detect a fault: if the time-out expires a power-down sequence is executed and a retry
procedure is started as described in the Section 3.6.2.3: Power-up fault management.
•
If not, or when PG level is reached, the sequence is paused for a programmable delay with USER-NVM
bits PU_WAIT_DEL_ENA_X (X equal to steps from 1 to 7) before proceeding to the next step.
While the sequence executes, any regulator fault is managed as per its REGFAIL_GO_REC setting as described
in the Section 3.6.2.5: Regulator faults management.
3.7.2
Power-down sequence
Power-down sequence is made of 7 steps as described below.
Figure 23. Power-down sequence
Step #N:
Turn OFF regulators & assert NRESET if their
PD_STEP_OFF (resp PD_STEP_ASSERT ) = N,
no action on others.
Turn OFF WD,
Set N=1
Wait for
PD_WAIT_DEL_OFF <N> ms
Set N = N + 1
N ≥ 8 ?
Y
N
Finished
Start
End
Turn OFF BOOST and internal VREG
regulator
Wait PD_WAIT_VREG_DEL_OFF ms,
Each of BUCK-1, -2, -3, and LDO-1, -2 can be turned OFF with USER-NVM bits BUCK1_PD_STEP_OFF,
BUCK2_PD_STEP_OFF, BUCK3_PD_STEP_OFF, LDO1_PD_STEP_OFF, LDO2_PD_STEP_OFF at any step
from 1 to 7. None, or more than one regulator can be turned OFF at a step.
The NRST pin can be asserted at any step from 1 to 7 with USER-NVM bits NRESET_PD_STEP_ASSERT,
independently of regulators setting. Note that the watchdog is stopped before step 1.
After a regulator has been turned OFF at step N the sequence offers the possibility to wait for programmable
delay with USER-NVM bits PD_WAIT_DEL_OFF_X (X equal to steps from 1 to 7).
When the sequence ends, an extra delay can be programmed before turning OFF the BOOST and internal VREG
with USER-NVM bits PD_WAIT_VREG_DEL_OFF.
SPSB100
Functional description
DS14640 - Rev 2
page 36/213



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com