Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

SPSB100BTR Datasheet(PDF) 79 Page - STMicroelectronics

Part # SPSB100BTR
Description  Automotive power management IC for highly integrated processors
PDF  213 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SPSB100BTR Datasheet(HTML) 79 Page - STMicroelectronics

Back Button SPSB100BTR Datasheet HTML 75Page - STMicroelectronics SPSB100BTR Datasheet HTML 76Page - STMicroelectronics SPSB100BTR Datasheet HTML 77Page - STMicroelectronics SPSB100BTR Datasheet HTML 78Page - STMicroelectronics SPSB100BTR Datasheet HTML 79Page - STMicroelectronics SPSB100BTR Datasheet HTML 80Page - STMicroelectronics SPSB100BTR Datasheet HTML 81Page - STMicroelectronics SPSB100BTR Datasheet HTML 82Page - STMicroelectronics SPSB100BTR Datasheet HTML 83Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 79 / 213 page
background image
Symbol
Parameter
Condition
Min
Typ
Max
Unit
Tsoftstart_buck2_00(3)
Soft start time slope when start-up
BUCK2_SS_VALUE = 00
9.9
16.5
23.1 V/ms
Tsoftstart_buck2_01(3)
Soft start time slope when start-up
BUCK2_SS_VALUE = 01
4.95
8.25
11.9 V/ms
Tsoftstart_buck2_10(3)
Soft start time slope when start-up
BUCK2_SS_VALUE = 10
1.98
3.3
4.62 V/ms
Tsoftstart_buck2_11(3)
Soft start time slope when start-up
BUCK2_SS_VALUE = 11
0.99
1.65
2.31 V/ms
Fsw_buck2_0
Switching frequency
BUCK2_FREQ = 0
2.0
2.4
2.8
MHz
Fsw_buck2_1
Switching frequency
BUCK2_FREQ = 1
333
400
470
kHz
Fspread_buck2_24(3)
Spread spectrum range (enable/
disable by BUCK2_SPREAD_ENA)
Fsw_buck2 = 2.4 MHz
-8
-
+8
%
Fspread_buck2_04(3)
Spread spectrum range (enable/
disable by BUCK2_SPREAD_ENA)
Fsw_buck2 = 400 kHz
-20
-
+20
%
PHI_buck2(3)(2)
Phase shift to BUCK1
-
225
-
deg
RPD_OFF_buck2
Pull-down resistor in off
Vout = 3.3 V
60
75
90
Ω
Ibuck2_LP
Output current in low power mode
VIN12 = 14 V
-
-
100
mA
Vbuck2_LP_00
Output voltage in low power mode
BUCK2_PU_VALUE = 00
Line/load transients not included
Ripple included
VIN12 = 8.5 V to 16 V
Iload = 50 μA to IBuck2_LP
3.08
3.3
3.51
V
Vbuck2_LP_01
Output voltage in low power mode
BUCK2_PU_VALUE = 01
Line/load transients not included
Ripple included
VIN12 = 8.5 V to 16 V
Iload = 50 μA to IBuck2_LP
4.75
5
5.25
V
Vbuck2_LP_1X
Output voltage in low power mode
BUCK2_PU_VALUE = 1x
Line/load transients not included
Ripple included
VIN12 = 8.5 V to 16 V
Iload = 50 μA to IBuck2_LP
6.22
6.5
6.78
V
Isw_limit_buck2_LP
Peak current limit in LP mode
750
1000 1250
mA
Vout_UV_buck2_LP_33
Output undervoltage threshold
monitor in LP mode
Vout = 3.3 V
2.8
2.9
3.05
V
Vout_UV_buck2_LP_5
Output undervoltage threshold
monitor in LP mode
Vout = 5 V
4.15
4.35
4.65
V
Vout_UV_buck2_LP_65
Output undervoltage threshold
monitor in LP mode
Vout = 6.5 V
5.45
5.65
5.85
V
Vout_OV_buck2_LP_33
Output overvoltage threshold
monitor in LP mode
Vout = 3.3 V
3.55
3.7
3.8
V
Vout_OV_buck2_LP_5
Output overvoltage threshold
monitor in LP mode
Vout = 5 V
5.4
5.65
5.85
V
Vout_OV_buck2_LP_65
Output overvoltage threshold
monitor in LP mode
Vout = 6.5 V
6.9
7.2
7.5
V
RDSON_HS_buck2_LP_25 HS switch ON resistance at 0.1 A
VIN12 = 14 V
Tj = 25 °C
-
0.72
0.9
Ω
RDSON_HS_buck2_LP_130 HS switch ON resistance at 0.1 A
VIN12 = 14 V
Tj = 130 °C
-
-
1.3
Ω
RDSON_LS_buck2_LP_25 LS switch ON resistance at 0.1 A
VIN12 = 14 V
Tj = 25 °C
-
0.25
0.3
Ω
SPSB100
Electrical characteristics
DS14640 - Rev 2
page 79/213



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com