Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

SPSB100BTR Datasheet(PDF) 83 Page - STMicroelectronics

Part # SPSB100BTR
Description  Automotive power management IC for highly integrated processors
PDF  213 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SPSB100BTR Datasheet(HTML) 83 Page - STMicroelectronics

Back Button SPSB100BTR Datasheet HTML 79Page - STMicroelectronics SPSB100BTR Datasheet HTML 80Page - STMicroelectronics SPSB100BTR Datasheet HTML 81Page - STMicroelectronics SPSB100BTR Datasheet HTML 82Page - STMicroelectronics SPSB100BTR Datasheet HTML 83Page - STMicroelectronics SPSB100BTR Datasheet HTML 84Page - STMicroelectronics SPSB100BTR Datasheet HTML 85Page - STMicroelectronics SPSB100BTR Datasheet HTML 86Page - STMicroelectronics SPSB100BTR Datasheet HTML 87Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 83 / 213 page
background image
Following load and line transient curves for BUCK1, 2:
Figure 47. Load transient curve for BUCK1, 2 at 3.3 V, f = 400 kHz
Note:
VIN12 = 14 V, load current: 65 mA to 1.5 A at 30 A/ms.
Figure 48. Load transient curve for BUCK1, 2 at 3.3 V, f = 2.4 MHz
Note:
VIN12 = 14 V, load current: 65 mA to 1.5 A at 30 A/ms.
Figure 49. Load transient curve for BUCK1, 2 at 5 V, f = 2.4 MHz
Note:
VIN12 = 14 V, load current: 65 mA to 1.5 A at 30 A/ms.
SPSB100
Electrical characteristics
DS14640 - Rev 2
page 83/213



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com