Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

SPSB100BTR Datasheet(PDF) 69 Page - STMicroelectronics

Part # SPSB100BTR
Description  Automotive power management IC for highly integrated processors
PDF  213 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SPSB100BTR Datasheet(HTML) 69 Page - STMicroelectronics

Back Button SPSB100BTR Datasheet HTML 65Page - STMicroelectronics SPSB100BTR Datasheet HTML 66Page - STMicroelectronics SPSB100BTR Datasheet HTML 67Page - STMicroelectronics SPSB100BTR Datasheet HTML 68Page - STMicroelectronics SPSB100BTR Datasheet HTML 69Page - STMicroelectronics SPSB100BTR Datasheet HTML 70Page - STMicroelectronics SPSB100BTR Datasheet HTML 71Page - STMicroelectronics SPSB100BTR Datasheet HTML 72Page - STMicroelectronics SPSB100BTR Datasheet HTML 73Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 69 / 213 page
background image
7
Electrical characteristics
7.1
Supply monitoring
The voltages are referred to GND and currents are assumed positive, when the current flows into the pin.
3 V < VS < 29 V, 6 V ≤ VFBB ≤ 29 V, Tj = -40 °C to 150 °C, unless otherwise specified.
Table 22. Supply and supply monitoring
Symbol
Parameter
Condition
Min
Typ
Max Unit
VFBB_OK_R1
VFBB OK rising threshold If BUCK1 and BUCK2 voltage setting = 3.3 V
6.9
7.2
7.5
V
VFBB_OK_F1
VFBB OK falling threshold If BUCK1 and BUCK2 voltage setting = 3.3 V
6.4
6.7
7.0
V
VFBB_OK_R2
VFBB OK rising threshold
If BUCK1 or BUCK2 voltage setting are above 3.3 V
(5.0 or 6.5 V)
8.65
9.0
9.25
V
VFBB_OK_F2
VFBB OK falling threshold
If BUCK1 or BUCK2 voltage setting are above 3.3 V
(5.0 or 6.5 V)
8.15
8.5
8.75
V
VFBB_OK_LP_R1
Low power VFBB OK
rising threshold
If BUCK1 and BUCK2 voltage setting = 3.3 V
6.65
7.0
7.25
V
VFBB_OK_LP_F1
Low power VFBB OK
falling threshold
If BUCK1 and BUCK2 voltage setting = 3.3 V
6.15
6.5
6.75
V
VFBB_OK_LP_R2
Low power VFBB OK
rising threshold
If BUCK1 or BUCK2 voltage setting are above 3.3 V
(5.0 or 6.5 V)
8.4
8.75
9.0
V
VFBB_OK_LP_F2
Low power VFBB OK
falling threshold
If BUCK1 or BUCK2 voltage setting are above 3.3 V
(5.0 or 6.5 V)
7.9
8.25
8.5
V
VFBB_OK_HYS
VFBB OK hysteresis
0.4
0.5
0.6
V
TF_FBB_OK
Digital filter time on FBB
OK
Covered by scan
12
15
22
µs
VFBB_OV
VFBB overvoltage
threshold
VFBB increasing/decreasing
29
31
33
V
VFBB_OV_HYS
VFBB overvoltage
hysteresis
0.1
0.15
0.25
V
TF_FBB_OV
digital filter time on FBB
overvoltage
Covered by scan
12
15
22
µs
VFBB_OV_EW
VFBB overvoltage early
warning threshold
FBB_OV_EW_TH = [0…3]
Step = 1 V
24
-
38
V
VFBB_UV_EW_TH
VFBB undervoltage early
warning range
FBB_UV_EW_TH = [0…3]
Step = 0.24 V
5
-
8.36
V
VVS_UV_EW_TH
VS undervoltage early
warning range
VS_UV_EW_TH = [0…4]
Step = 0.24 V
2.6
-
9.8
V
VVIO_UV_R
VIO undervoltage rising
VIO voltage
2.75
2.9
3.05
V
VVIO_UV_F
On a falling VIO voltage
2.7
2.85
3.0
V
VVIO_UV_HYS
Hysteresis VIO
monitoring
0.005 0.035 0.065
V
TF_VIO_UV
Digital filter time on
comparator output
Covered by scan
12
15
22
µs
IV(act)(1)
Current consumption in
active-full power mode
VS = 13.5 V
BUCK1, 2, 3 ON
LDO1, LDO2 ON
-
25
40
mA
SPSB100
Electrical characteristics
DS14640 - Rev 2
page 69/213



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com