Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

SPSB100BTR Datasheet(PDF) 94 Page - STMicroelectronics

Part # SPSB100BTR
Description  Automotive power management IC for highly integrated processors
PDF  213 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SPSB100BTR Datasheet(HTML) 94 Page - STMicroelectronics

Back Button SPSB100BTR Datasheet HTML 90Page - STMicroelectronics SPSB100BTR Datasheet HTML 91Page - STMicroelectronics SPSB100BTR Datasheet HTML 92Page - STMicroelectronics SPSB100BTR Datasheet HTML 93Page - STMicroelectronics SPSB100BTR Datasheet HTML 94Page - STMicroelectronics SPSB100BTR Datasheet HTML 95Page - STMicroelectronics SPSB100BTR Datasheet HTML 96Page - STMicroelectronics SPSB100BTR Datasheet HTML 97Page - STMicroelectronics SPSB100BTR Datasheet HTML 98Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 94 / 213 page
background image
Figure 65. Watchdog timing
TLW = Long open window
TEFW = Max early failure window
TLFW = Min late failure window
TRD = Watchdog reset duration
T LW
T EF W
T LF W
T EF W
T LFW
T LW
T EF W
T LW
T L F W
time
WD-Trigger
NRES
normal operation
missing
trigger
early
write
T R D
T R D
time
= correct trigger timing
= early trigger timing
= missing trigger
WD-Trigger
NRES
0
0
T LFW
T LFW
T LFW
T R D
T R D
time
time
T R D
Normal startup operations and timeout failures
7.12
High side output OUT_HS
The voltages are referred to GND and currents are assumed positive, when the current flows into the pin.
6.0 V ≤ VFBB ≤ 29 V, Tj = -40 °C to 150 °C, unless otherwise specified.
Table 33. High side output OUT_HS
Symbol
Parameter
Condition
Min Typ Max Unit
rON_OUT_HS_25
Static drain source
On-resistance
VFBB = 13.5 V
Iload = -15 mA
Tamb = +25 °C
-
55
80
Ω
rON_OUT_HS_130
Static drain source
On-resistance
VFBB = 13.5 V
Iload = -15 mA
Tamb = +130 °C
-
-
130
Ω
SPSB100
Electrical characteristics
DS14640 - Rev 2
page 94/213



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com