Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

SPSB100BTR Datasheet(PDF) 87 Page - STMicroelectronics

Part # SPSB100BTR
Description  Automotive power management IC for highly integrated processors
PDF  213 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SPSB100BTR Datasheet(HTML) 87 Page - STMicroelectronics

Back Button SPSB100BTR Datasheet HTML 83Page - STMicroelectronics SPSB100BTR Datasheet HTML 84Page - STMicroelectronics SPSB100BTR Datasheet HTML 85Page - STMicroelectronics SPSB100BTR Datasheet HTML 86Page - STMicroelectronics SPSB100BTR Datasheet HTML 87Page - STMicroelectronics SPSB100BTR Datasheet HTML 88Page - STMicroelectronics SPSB100BTR Datasheet HTML 89Page - STMicroelectronics SPSB100BTR Datasheet HTML 90Page - STMicroelectronics SPSB100BTR Datasheet HTML 91Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 87 / 213 page
background image
Symbol
Parameter
Condition
Min
Typ
Max
Unit
Iload = 50 mA to 3 A
Vout_buck3_011(1)(2)
Output voltage
BUCK3_PU_VALUE = 001
BUCK3_FTUNE = 011
VIN3 = 3 V to 5.5 V
Iload = 50 mA to 3 A
0.9797 1.01 1.0403
V
Vout_buck3_1V1(1)(2)
Output voltage
BUCK3_PU_VALUE = 010
VIN3 = 3 V to 5.5 V
Iload = 50 mA to 3 A
1.056
1.1
1.144
V
Vout_buck3_1V2(1)(2)
Output voltage
BUCK3_PU_VALUE = 011
VIN3 = 3 V to 5.5 V
Iload = 50 mA to 3 A
1.152
1.2
1.248
V
Vout_buck3_1V25(1)(2) Output voltage
BUCK3_PU_VALUE = 100
VIN3 = 3 V to 5.5 V
Iload = 50 mA to 3 A
1.2
1.25
1.3
V
Vout_buck3_3V3(1)(2)
Output voltage
BUCK3_PU_VALUE = 101 or 11x
VIN3 = 4.8 V to 7.0 V
Iload = 50 mA to 3 A
3.168
3.3
3.432
V
Vout_UV_buck3
Output undervoltage threshold
monitor range
For all BUCK3_PU_VALUE except 001
85
90
95
%
Vout_PG_buck3
Output power-good threshold
monitor range
87
92
96
%
Vout_OV_buck3
Output overvoltage threshold
monitor range
For all BUCK3_PU_VALUE except 001
104
107.5
111
%
Vout_UV_buck3
Output undervoltage threshold
monitor range for fine-tune
BUCK3_PU_VALUE = 001
0.8
-
0.9
V
Vout_PG_buck3_FT
Output power-good threshold
monitor range for fine-tune
BUCK3_PU_VALUE = 001
0.82
-
0.92
V
Vout_OV_buck3_FT
Output overvoltage threshold
monitor range for fine-tune
BUCK3_PU_VALUE = 001
1.04
-
1.125
V
tbuck3_PG_TO(3)
Output power-good timeout
4.8
6
7.5
ms
tbuck3_UV_TO(3)
Vout undervoltage time-out
filter
25
30
41
µs
tbuck3_OV_TO(3)
Vout overvoltage time-out filter
25
30
41
µs
RDSON_HS_buck3_25 HS switch ON resistance at 3 A
VIN3 = 5 V
TJ = 25 °C
-
0.04
0.08
Ω
RDSON_HS_buck3_130 HS switch ON resistance at 3 A
VIN3 = 5 V
TJ = 130 °C
-
-
0.1
Ω
RDSON_LS_buck3_25
LS switch ON resistance at 3 A
VIN3 = 5 V
TJ = 25 °C
-
0.04
0.08
Ω
RDSON_LS_buck3_130
VIN3 = 5 V
TJ = 130 °C
-
-
0.1
Ω
Ilimit_buck3_00
Peak switching current limit
BUCK3_IPEAK = 00
3.4
4
4.6
A
Ilimit_buck3_01
Peak switching current limit
BUCK3_IPEAK = 01
4.25
5
5.75
A
Ilimit_buck3_10
Peak switching current limit
BUCK3_IPEAK = 10
5.1
6
6.9
A
Ilimit_buck3_11
Peak switching current limit
BUCK3_IPEAK = 11
5.95
7
8.05
A
tbuck3_OC_TO(3)
Over current filter time
125
150
200
µs
SPSB100
Electrical characteristics
DS14640 - Rev 2
page 87/213



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com