Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

SPSB100BTR Datasheet(PDF) 25 Page - STMicroelectronics

Part # SPSB100BTR
Description  Automotive power management IC for highly integrated processors
PDF  213 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SPSB100BTR Datasheet(HTML) 25 Page - STMicroelectronics

Back Button SPSB100BTR Datasheet HTML 21Page - STMicroelectronics SPSB100BTR Datasheet HTML 22Page - STMicroelectronics SPSB100BTR Datasheet HTML 23Page - STMicroelectronics SPSB100BTR Datasheet HTML 24Page - STMicroelectronics SPSB100BTR Datasheet HTML 25Page - STMicroelectronics SPSB100BTR Datasheet HTML 26Page - STMicroelectronics SPSB100BTR Datasheet HTML 27Page - STMicroelectronics SPSB100BTR Datasheet HTML 28Page - STMicroelectronics SPSB100BTR Datasheet HTML 29Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 213 page
background image
3.6.2.3
Power-up fault management
The power-up sequence can be programmed to wait the power-good signal of any of the turned-on regulator (see
the power-up sequence description in the Section 3.7.1: Power-up sequence for details). In such case a timeout
counter runs, it is longer than the maximum rising time of SPSB100 regulators.
If the timeout elapses, the SPSB100 executes a power-down sequence, the power-up retry counter
POWUP_RETRY_CNT is incremented and SPSB100 retries 4 times to power-up the regulators
(POWUP_RETRY_CNT counter can be cleared by CLR_POWUP_RETRY_COUNT bit). If 4 successive faults
occur and the PU_LOOP_FOR_EVER bit is not set, then SPSB100 enters in DEEP-SLEEP state, clears the
POWUP_RETRY_CNT and generates a status register flag FORCED_SLEEP_POWUP. If the
PU_LOOP_FOR_EVER bit is set SPSB100 retries to power-up forever.
The same retry loop applies if a fault on a regulator is detected during the power-up sequence and the regulator
has its REGFAIL_GO_REC configuration bit set to 1. See the Section 3.7.1: Power-up sequence for details.
Figure 14. State machine details on power-up fault (1)
DEEP-SLEEP
state
Wake-up
event
REC-1
state
Execute
Power-Up
sequence
Finished OK
INIT
state
Execute
Power-Down
sequence
(retry ≤ 3)
OR (for_ever = 1) ?
Y
N
Retry loop
NFSO asserted
PG_TimeOut reached
OR REGfail & GoREC=1
VFBB_OK_R < VFBB < VFBB_OV
The behavior is similar if the power-up sequence timeout is reached when the sequence is executed after a
watchdog trig fault or a FCCU monitor fault detection as shown in the following figure.
SPSB100
Functional description
DS14640 - Rev 2
page 25/213



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com