Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

SPSB100BTR Datasheet(PDF) 104 Page - STMicroelectronics

Part # SPSB100BTR
Description  Automotive power management IC for highly integrated processors
PDF  213 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SPSB100BTR Datasheet(HTML) 104 Page - STMicroelectronics

Back Button SPSB100BTR Datasheet HTML 100Page - STMicroelectronics SPSB100BTR Datasheet HTML 101Page - STMicroelectronics SPSB100BTR Datasheet HTML 102Page - STMicroelectronics SPSB100BTR Datasheet HTML 103Page - STMicroelectronics SPSB100BTR Datasheet HTML 104Page - STMicroelectronics SPSB100BTR Datasheet HTML 105Page - STMicroelectronics SPSB100BTR Datasheet HTML 106Page - STMicroelectronics SPSB100BTR Datasheet HTML 107Page - STMicroelectronics SPSB100BTR Datasheet HTML 108Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 104 / 213 page
background image
Symbol
Parameter
Condition
Min
Typ
Max
Unit
T3
Timer period
T1_PER = 010
41.6
50
62.5
ms
T4
Timer period
T1_PER = 011
83
100
125
ms
T5
Timer period
T1_PER = 100
166
200
250
ms
T6
Timer period
T1_PER = 101
416
500
625
ms
T7
Timer period
T1_PER = 110
830
1000
1250
ms
T8
Timer period
T1_PER = 110
1660
2000
2500
ms
7.21
Reset output (NRST)
The voltages are referred to GND and currents are assumed positive, when the current flows into the pin.
3.0 V ≤ VIO ≤ 5.5 V, Tj = -40 °C to 150 °C, unless otherwise specified.
Table 47. Reset output
Symbol
Parameter
Condition
Min
Typ
Max
Unit
VNRST_L
Output low level
INRST = +4 mA
-
-
0.5
V
INRST_LK
Leakage current
VNRST = 20.0 V
VIO = 3.3 V
-
-
100
µA
INRST_LK_5V
Leakage current when NRST is disabled
VNRST = 5.0 V
VIO = 5.0 V
-
-
1
µA
RNRST_PU
NRST internal pull-up resistor for echo
VNRST = 1.0 V
13
29
55
kΩ
tNRST_rt(1)
Reset reaction time
-
-
40
µs
tNRST_WDR(1)
Low pulse duration time
In case of WD error
3.2
-
-
ms
tNRST_FCCU(1)
Low pulse duration time
In case of FCCU error
4.8
-
-
ms
tNRST_ECHO_FILT(1)
NRST echo error filter time
91
100
150
µs
1. Guaranteed by scan.
7.22
VREG voltage regulator
The voltages are referred to GND and currents are assumed positive, when the current flows into the pin.
7.5 V ≤ VFBB ≤ 29 V, Tj = -40 °C to 150 °C, unless otherwise specified.
Table 48. VREG
Symbol
Parameter
Condition
Min Typ Max Unit
VVREG
Output voltage
In active-Full power
VFBB ≥ 7.5 V
Iload = 150 mA
3.2
3.3
3.4
V
VVREG_LP
Output voltage
In active-Low power
VFBB ≥ 7.5 V
Iload = 15 mA
3.2
3.3
3.4
V
VVREG_OV
Overvoltage threshold for VREG
3.45
3.6
3.8
V
VVREG_OV_LP Overvoltage threshold for VREG in LP
3.45
3.6
3.8
V
tVREG_OV(1)
VREG overvoltage filter time
12
15
22
μs
VVREG_UV
Under voltage threshold for VREG
2.7
2.85 3.05
V
VVREG_UV_LP Undervoltage threshold for VREG in LP
2.7
2.85
3
V
SPSB100
Electrical characteristics
DS14640 - Rev 2
page 104/213



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com