Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

L99DZ320TR Datasheet(PDF) 5 Page - STMicroelectronics

Part # L99DZ320TR
Description  Automotive rear door device with CAN FD and LIN
PDF  146 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L99DZ320TR Datasheet(HTML) 5 Page - STMicroelectronics

  L99DZ320TR Datasheet HTML 1Page - STMicroelectronics L99DZ320TR Datasheet HTML 2Page - STMicroelectronics L99DZ320TR Datasheet HTML 3Page - STMicroelectronics L99DZ320TR Datasheet HTML 4Page - STMicroelectronics L99DZ320TR Datasheet HTML 5Page - STMicroelectronics L99DZ320TR Datasheet HTML 6Page - STMicroelectronics L99DZ320TR Datasheet HTML 7Page - STMicroelectronics L99DZ320TR Datasheet HTML 8Page - STMicroelectronics L99DZ320TR Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 146 page
background image
Pin
Name
Function
9
NC
Not connected
10
NC
Not connected
11
HS14
High-side driver output to drive LEDs
12
HS13
High-side driver output to drive LEDs
13
HS12
High-side driver output to drive LEDs
14
HS9
High-side driver output to drive LEDs. The channel is protected by overcurrent recovery feature
15
NC
Not connected
16
HS11
High-side driver output to drive LEDs
17
VS
Power supply voltage for power stage outputs (external reverse battery protection required), for this input a
ceramic capacitor as close as possible to GND is recommended. Important: for the capability of driving, the full
current at the outputs all pins of VS must be connected externally
18
VS; 2nd pin
Current capability (pin description see above)
19
HS7
High-side driver output to drive LEDs or a 10 W bulb (programmable Rdson). The channel is protected by
overcurrent recovery feature
20
HB6
Half-bridge outputs: the output is built by a high-side and a low-side switch which are internally connected. The
output stage of both switches is a power DMOS transistor. Each driver has an internal parasitic reverse diode
(bulk-drain diode: high-side driver from output to VS, low-side driver from GND to output). The channel is
protected by overcurrent recovery feature
21
NC
Not connected
22
NC
Not connected
23
HB5
Half-bridge outputs: the output is built by a high-side and a low-side switch which are internally connected. The
output stage of both switches is a power DMOS transistor. Each driver has an internal parasitic reverse diode
(bulk-drain diode: high-side driver from output to Vs, low-side driver from GND to output). The channel is protected
by overcurrent recovery feature
24
HB5; 2nd pin Current capability (pin description see above)
25
VSREG
Power supply voltage to supply the internal voltage regulators and the HS0 (external reverse battery protection
required / diode) for this input a ceramic capacitor as close as possible to GND and an electrolytic back up
capacitor is recommended
26
HS0
High-side driver output to drive LEDs or to supply contacts
27
HB4
Half-bridge outputs: the output is built by a high-side and a low-side switch which are internally connected. The
output stage of both switches is a power DMOS transistor. Each driver has an internal parasitic reverse diode
(bulk-drain diode: high-side driver from output to VS, low-side driver from GND to output). The channel is protected
by overcurrent recovery feature
28
HB4; 2nd pin
Current capability (pin description see above)
29
NC
Not connected
30
VS 3rd pin
Current capability (pin description see above)
31
HS15
High-side driver output to drive LEDs
32
PGND
Power GND
33
HS8
High-side driver output to drive LEDs. The channel is protected by overcurrent recovery feature
34
NC
Not connected
35
SGND
Signal ground
36
CM
Current monitor output: depending on the selected multiplexer bits of the control register this output sources an
image of the instant current through the corresponding high-side driver with a fixed ratio
37
NC
Not connected
38
CLK
SPI: serial clock input
39
DO
SPI: serial data output (push pull output stage)
40
DI
SPI: serial data input
L99DZ320
Block diagram and pin description
DS14235 - Rev 5
page 5/146



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com