Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

L99DZ320TR Datasheet(PDF) 23 Page - STMicroelectronics

Part # L99DZ320TR
Description  Automotive rear door device with CAN FD and LIN
PDF  146 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L99DZ320TR Datasheet(HTML) 23 Page - STMicroelectronics

Back Button L99DZ320TR Datasheet HTML 19Page - STMicroelectronics L99DZ320TR Datasheet HTML 20Page - STMicroelectronics L99DZ320TR Datasheet HTML 21Page - STMicroelectronics L99DZ320TR Datasheet HTML 22Page - STMicroelectronics L99DZ320TR Datasheet HTML 23Page - STMicroelectronics L99DZ320TR Datasheet HTML 24Page - STMicroelectronics L99DZ320TR Datasheet HTML 25Page - STMicroelectronics L99DZ320TR Datasheet HTML 26Page - STMicroelectronics L99DZ320TR Datasheet HTML 27Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 146 page
background image
2.4.12
Output current thresholds
The voltages are referred to power ground and currents are assumed positive, when the current flows into the pin.
6 V < VS < 28 V; 6 V < VSREG < 28 V; TJ = -40 °C to 150 °C, unless otherwise specified.
Table 18. Output current thresholds
Symbol
Parameter
Test condition
Min. Typ. Max. Unit Item
|ISC6|
Short-current threshold HS and
LS
VS = 13.5 V, V1 = 5 V, sink full VS
range is specified by design
5
11
A
D.049
|ISC4|
Short-current threshold HS and
LS
VS = 13.5 V, V1 = 5 V, sink full VS
range is specified by design
9
19
A
D.119
|ISC5|
Short-current threshold HS and
LS
VS = 13.5 V, V1 = 5 V, sink full VS
range is specified by design
10
21
A
D.120
|IOC4|
Overcurrent threshold HS and
LS
VS = 13.5 V, sink and source
6
9.2
A
D.124
|IOC5th1|
Overcurrent threshold HS and
LS of HB5 (config. 1)
VS = 13.5 V,
Current limitation set by CR16,
bit 14 and 15
3.4
4
5.3
A
D.125
|IOC5th2|
Overcurrent threshold HS and
LS of HB5 (config. 2)
5.1
6
7.9
A
D.126
|IOC5th3|
Overcurrent threshold HS and
LS of HB5 (config. 3)
7.5
10.5
A
D.127
|IOC6th1|
Overcurrent threshold HS and
LS of HB6 (config. 1)
VS = 13.5 V,
Current limitation set by CR16,
bit 16 and 17
1.5
2
2.7
A
D.128
|IOC6th2|
Overcurrent threshold HS and
LS of HB6 (config. 2)
2.25
3
4
A
D.129
|IOC6th3|
Overcurrent threshold HS and
LS (config. 3)
3
4
4.9
A
D.052
|IOC7|
Overcurrent threshold HS in low
on-resistance mode
VS = 13.5 V, source
1.5
2.5
A
D.053
Overcurrent threshold HS in high
on-resistance mode
0.35
0.65
A
D.054
|IOC8|, |IOC9|
Overcurrent threshold HS
0.5
1
A
D.059
|IOC11|, |IOC12|,
|IOC13|, |IOC14|,
|IOC15|, |IOC0|
0.19
0.35
A
D.062
|ICCM7|, |ICCM8|,
|ICCM9|, |ICCM11|,
|ICCM12|, |ICCM13|,
|ICCM14|, |ICCM15|,
|ICCM0|
Constant current mode value for
HS7 (in high on-resistance
mode) to HS15 and HS0
VS = 13.5 V;
HSx_CCM = 1 (x = 7 to 15, 0 )
100
mA D.064
tCCMtimeout
Constant current mode
expiration time
HSx_CCM = 1 (x = 7 to 15, 0 )
tested by scan
20
ms D.065
tFSC
Filter time of short-current signal
in half bridge outputs
Tested by scan
1
3
6.5
µs
D.066
tFOC
Filter time of overcurrent signal
in HS11, .., HS15 and HS0
Tested by scan
38.4
48
67.6
µs
D.137
tBLK
Blanking time of overcurrent
signal (all outputs) and of short-
circuit current signal in half
bridges
Tested by scan
32
40
58
µs
D.067
L99DZ320
Electrical specifications
DS14235 - Rev 5
page 23/146



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com