Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

L99DZ320TR Datasheet(PDF) 63 Page - STMicroelectronics

Part # L99DZ320TR
Description  Automotive rear door device with CAN FD and LIN
PDF  146 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L99DZ320TR Datasheet(HTML) 63 Page - STMicroelectronics

Back Button L99DZ320TR Datasheet HTML 59Page - STMicroelectronics L99DZ320TR Datasheet HTML 60Page - STMicroelectronics L99DZ320TR Datasheet HTML 61Page - STMicroelectronics L99DZ320TR Datasheet HTML 62Page - STMicroelectronics L99DZ320TR Datasheet HTML 63Page - STMicroelectronics L99DZ320TR Datasheet HTML 64Page - STMicroelectronics L99DZ320TR Datasheet HTML 65Page - STMicroelectronics L99DZ320TR Datasheet HTML 66Page - STMicroelectronics L99DZ320TR Datasheet HTML 67Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 63 / 146 page
background image
1. The functionality is not guaranteed in the range Vpor < VS < VSUV.
3.12.2
VSREG supply failure
VSREG overvoltage
If the supply voltages VSREG reaches the overvoltage threshold VSREG_OV:
•
LIN is switched to high impedance (RX is still on)
•
CAN remains enabled
•
HS15 and HS0 are turned off (default).
•
The shutdown of outputs may be disabled by SPI (VSREG_OV_SD_EN (CR16) = 0)
•
Recovery of outputs after overvoltage condition is configurable by SPI:
–
VSREG_LOCK_EN (CR16) = 1: outputs are off until Read&Clear VSREG_ OV (SR7)
–
VSREG_LOCK_EN (CR16) = 0: outputs turned on automatically after VSREG overvoltage condition
has recovered
•
The overvoltage bit VSREG_OV (SR7) is set and can be cleared with a ‘Read&Clear’ command. The
overvoltage bit is reset automatically if VSREG_ LOCK_EN (CR16) = 0 and the overvoltage condition has
recovered.
VSREG undervoltage
If the supply voltage VSREG drops below the undervoltage threshold voltage (VSREG_UV):
•
LIN is switched to high impedance (RX is still on(1))
•
CAN remains enabled(1)
•
HS15 and HS0 are turned off (default).
•
The shutdown of outputs may be disabled by SPI (VSREG_UV_SD_EN (CR16) = 0)(1)
•
ECV is switched in high impedance state and ECDR is discharged by RECDRDIS (to ensure the gate of the
external Power MOSFET is discharged => EC mode considered as off)
•
recovery of outputs after undervoltage condition is configurable by SPI:
–
VSREG_LOCK_EN = 1: outputs are off until Read&Clear VSREG_UV (SR7)
–
VSREG_LOCK_EN = 0: outputs turned on automatically after VSREG undervoltage condition has
recovered
•
The undervoltage bit (VSREG_UV (SR7) is set and can be cleared with a ‘Read&Clear’ command. The
undervoltage bit is removed automatically if VSREG_LOCK_EN (CR16) = 0 and the undervoltage condition
has recovered
1. The functionality is not guaranteed in the range Vpor < VS < VSUV.
L99DZ320
Functional description
DS14235 - Rev 5
page 63/146



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com