Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

L99DZ320TR Datasheet(PDF) 80 Page - STMicroelectronics

Part # L99DZ320TR
Description  Automotive rear door device with CAN FD and LIN
PDF  146 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L99DZ320TR Datasheet(HTML) 80 Page - STMicroelectronics

Back Button L99DZ320TR Datasheet HTML 76Page - STMicroelectronics L99DZ320TR Datasheet HTML 77Page - STMicroelectronics L99DZ320TR Datasheet HTML 78Page - STMicroelectronics L99DZ320TR Datasheet HTML 79Page - STMicroelectronics L99DZ320TR Datasheet HTML 80Page - STMicroelectronics L99DZ320TR Datasheet HTML 81Page - STMicroelectronics L99DZ320TR Datasheet HTML 82Page - STMicroelectronics L99DZ320TR Datasheet HTML 83Page - STMicroelectronics L99DZ320TR Datasheet HTML 84Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 80 / 146 page
background image
4.1.1
Physical layer
Figure 40. SPI pin description
CSN
SCK
SDI
SDO
L99DZ320
µC
SPI Master
4.2
Signal description
•
Chip select not (CSN)
The communication interface is deselected, when this input signal is logically high. A falling edge on CSN enables
and starts the communication while a rising edge finishes the communication and the sent command is executed
when a valid frame is sent. During communication start and stop the serial clock (SCK) has to be logically low.
The serial data out (SDO) is in high impedance when CSN is high or a communication timeout was detected.
•
Serial clock (SCK)
This SCK provides the clock of the SPI. Data present at serial data input (SDI) is latched on the rising edge of
serial clock (SCK) into the internal shift registers while on the falling edge data from the internal shift registers are
shifted out to serial data out (SDO).
•
Serial data input (SDI)
This input is used to transfer data serially into the device. Data is latched on the rising edge of serial clock (SCK).
•
Serial data output (SDO)
This output signal is used to transfer data serially out of the device. Data is shifted out on the falling edge of serial
clock (SCK).
4.2.1
Clock and data characteristics
The ST SPI can be driven by a microcontroller with its SPI peripheral running in the following mode:
Figure 41. SPI signal description
CSN
SCK
SDI
SDO
LSB
MSB
MSB
LSB
The communication frame starts with the falling edge of the CSN (communication start). SCK has to be low.
The SDI data is then latched at all the following rising SCK edges into the internal shift registers.
After communication start the SDO leaves 3-state mode and presents the MSB of the data shifted out to SDO. At
all the following falling SCK edges data is shifted out through the internal shift registers to SDO.
L99DZ320
Serial peripheral interface (SPI)
DS14235 - Rev 5
page 80/146



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com