Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

L99DZ320TR Datasheet(PDF) 65 Page - STMicroelectronics

Part # L99DZ320TR
Description  Automotive rear door device with CAN FD and LIN
PDF  146 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L99DZ320TR Datasheet(HTML) 65 Page - STMicroelectronics

Back Button L99DZ320TR Datasheet HTML 61Page - STMicroelectronics L99DZ320TR Datasheet HTML 62Page - STMicroelectronics L99DZ320TR Datasheet HTML 63Page - STMicroelectronics L99DZ320TR Datasheet HTML 64Page - STMicroelectronics L99DZ320TR Datasheet HTML 65Page - STMicroelectronics L99DZ320TR Datasheet HTML 66Page - STMicroelectronics L99DZ320TR Datasheet HTML 67Page - STMicroelectronics L99DZ320TR Datasheet HTML 68Page - STMicroelectronics L99DZ320TR Datasheet HTML 69Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 65 / 146 page
background image
3.14
Power outputs HB4, ..., HB6, HS7 .. HS15 and HS0
The component provides a total of 3 half bridges outputs HB4,…, HB6 to drive motors and 9 stand-alone high-
side outputs HS7,…, HS15 and HS0 to drive for example LED’s, bulbs or to supply contacts. All high-side outputs,
except HS15 and HS0, are supplied by the pin VS. HS15 and HS0 are instead supplied by the buffered supply
VSREG. HS0 is intended to be used as contact supply.
Only HS15 and HS0 can be activated in standby modes.
All high-side and low-side outputs switch OFF in case of:
•
VS overvoltage and undervoltage (depending on configuration, see Section 3.12: Power supply fail)
•
Overcurrent (depending on configuration, overcurrent recovery mode, see below)
•
Over temperature (TSD1)
•
Fail-safe event
•
Loss of ground at SGND pin
In case of overcurrent or over temperature (TSD1 bit in SR8) condition, the drivers switch off. The corresponding
status bit is latched and can be read and optionally cleared by SPI. The drivers remain off until the status is
cleared.
In case overvoltage/undervoltage condition, the drivers are switched off. The corresponding status bit is latched
and can be read and optionally cleared by SPI. If the Vlockout bits are set to ‘1’ the drivers remain off until the
status is cleared. If the Vlockout bit is set to ‘0’ the drivers switch on automatically if the error condition
disappears. Undervoltage and overvoltage shutdown can be disabled by setting <VS_UV_SD_EN> respectively
<VS OV SD_EN> to ‘0’. In case of open-load condition, the corresponding status register is latched. The status
can be read and optionally cleared by SPI. The high and low-side outputs are not switched off in case of open-
load condition.
For HB4, …, HB6 the overcurrent recovery feature can be enabled by setting the HBx_OCR bit in CR13 (x = 4,..,
6); for HS7…HS9 the overcurrent recovery feature can be enabled by setting the HSy_OCR bit in CR13 (y =
7,..,9). If these bits are set to ‘1’ the driver is automatically restarted from an overload condition. This overload
recovery feature is intended for loads which have an initial current higher than the overcurrent limit of the output
(for example inrush current of cold light bulbs). For HB4, HB5 and HB6 only, overcurrent threshold can be set via
SPI (HBxOCTH_y bits in CR16, x = 4, 5, 6 and y = 0, 1) among three different values.
Each of the stand-alone high-side driver outputs HS7, …, HS15 and HS0 can be driven through:
•
An internal generated PWM signal
•
An internal timer
•
One of the two direct drives (DIR1, DIR2)
When L99DZ320 is in V1_Standby or VBAT_Standby modes, HS0 and HS15 can be directly driven with DIR1/EI2
pin or PWM6/DIR2 pin.
Moreover, for each high-side driving LEDs, it is also available the “constant current mode” feature, which is
configurable by SPI (CR3) and provides a constant current to the related output. This bit can be set only if the
related driver is in OFF state and disables also its overcurrent and short-circuit detection (open-load detection
remains ON). The “constant current code” is automatically disabled after the expiration time tCCMtimeout.
The allowed sequence is the following:
•
Set HSx_CCM bit (x = 7, .., 15, 0), then turn ON the driver (other configurations are ignored): driver starts
in current mode for tCCMtimeout, then switches to ON mode, CCM is cleared by µC
–
If HSx_CCM bit is cleared by µC before timeout then driver is switched to ON mode
–
If CCM bit is set after driver has been started in ON, PWM, timer modes then CCM bit is ignored
•
SC and OC are enabled in ON, PWM and timer modes, not in current mode
•
Default value for CCM bit is OFF
L99DZ320
Functional description
DS14235 - Rev 5
page 65/146



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com