Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

L99DZ320TR Datasheet(PDF) 32 Page - STMicroelectronics

Part # L99DZ320TR
Description  Automotive rear door device with CAN FD and LIN
PDF  146 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L99DZ320TR Datasheet(HTML) 32 Page - STMicroelectronics

Back Button L99DZ320TR Datasheet HTML 28Page - STMicroelectronics L99DZ320TR Datasheet HTML 29Page - STMicroelectronics L99DZ320TR Datasheet HTML 30Page - STMicroelectronics L99DZ320TR Datasheet HTML 31Page - STMicroelectronics L99DZ320TR Datasheet HTML 32Page - STMicroelectronics L99DZ320TR Datasheet HTML 33Page - STMicroelectronics L99DZ320TR Datasheet HTML 34Page - STMicroelectronics L99DZ320TR Datasheet HTML 35Page - STMicroelectronics L99DZ320TR Datasheet HTML 36Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 146 page
background image
Symbol
Parameter
Test condition
Min. Typ. Max. Unit Item
VDIFF,dom_ext
Differential output voltage in
dominant state on extended
bus load range:
VCANHdom-VCANLdom
VTXDC = VTXDCLOW,
RL = from 45 Ω to 70 Ω
1.4
3.3
V
E.100
VDIFF,domVsLow
Differential output voltage in
dominant state: VCANHdom-
VCANLdom at low VS
VTXDC = VTXDCLOW,
RL = from 50 Ω to 65 Ω,
5 V < VS < 5.5 V (1)
1.35
3
V
E.101
VDIFF,dom_ext_VsLow
Differential output voltage in
dominant state:
VCANHdom-VCANLdom
with 45 Ω to70 Ω load at low
VS
VTXDC = VTXDCLOW,
RL = from 45 Ω to 70 Ω,
5 V < VS < 5.5 V (1)
1.25
3.3
V
E.102
VSYM
Driver symmetry
VSYM = (VCANH + VCANL)/
VCANSUP
VCANSUP = 5 V (2)
RL = 60 Ω ± 1%,
fTXDC = 1 MHz,(3)
CSPLIT = 4.7 nF (±5%)
0.9
1
1.1
E.020
IOCANH,dom (-3V)
CANH output current in
dominant state
VTXDC = VTXDCLOW,
VCANH = from -3 V to 18 V
-115
115
mA E.021
IOCANL,dom (18V)
CANL output current in
dominant state
VTXDC = VTXDCLOW, VCANL = from - 3 V
to18 V
-115
115
mA E.022
IOCANH,dom (40V)
CANH output current in
dominant state
VTXDC = VTXDCLOW,
VCANH = 40 V, VS = 40 V
0
15
mA E.023
IOCANL,dom (40V)
CANL output current in
dominant state
VTXDC = VTXDCLOW, VCANL = 40 V,
VS = 40 V
0
115
mA E.024
1. VS at device pin after reverse battery protection, while application is supplied with 6 V. Operating condition has to be
adapted, if a higher voltage drop occurs in the application.
2. If it is an external pin, it should be supplied externally.
3. Measurement equipment input load < 20 pF, > 1 MΩ, guaranteed by E.017, E.018, E.021, E.022, E.045, E.046
measurements.
Table 28. CAN transmitter recessive output characteristics, CAN normal mode
Symbol
Parameter
Test condition
Min. Typ. Max. Unit Item
VCANHrec
CANH voltage level in recessive state (normal mode)
VTXDC = VTXDCHIGH,
no load
2
2.5
3
V
E.025
VCANLrec
CANL voltage level in recessive state (normal mode)
VTXDC = VTXDCHIGH,
no load
2
2.5
3
V
E.026
VDIFF,recOUT
Differential output voltage in recessive state (normal
mode):
VCANHrec-VCANLrec
VTXDC = VTXDCHIGH,
no load
-50
50
mV E.027
Note:
CAN normal mode: tested in TRX ready state while the device is in active mode.
L99DZ320
Electrical specifications
DS14235 - Rev 5
page 32/146



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com