Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

L99DZ320TR Datasheet(PDF) 52 Page - STMicroelectronics

Part # L99DZ320TR
Description  Automotive rear door device with CAN FD and LIN
PDF  146 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L99DZ320TR Datasheet(HTML) 52 Page - STMicroelectronics

Back Button L99DZ320TR Datasheet HTML 48Page - STMicroelectronics L99DZ320TR Datasheet HTML 49Page - STMicroelectronics L99DZ320TR Datasheet HTML 50Page - STMicroelectronics L99DZ320TR Datasheet HTML 51Page - STMicroelectronics L99DZ320TR Datasheet HTML 52Page - STMicroelectronics L99DZ320TR Datasheet HTML 53Page - STMicroelectronics L99DZ320TR Datasheet HTML 54Page - STMicroelectronics L99DZ320TR Datasheet HTML 55Page - STMicroelectronics L99DZ320TR Datasheet HTML 56Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 52 / 146 page
background image
Figure 17. Main operating modes
Active
Mode
V1: ON
Reset Generator: active
Watchdog: active
V1 Standby
Mode
V1: ON
Reset Generator: active
Watchdog:
OFF (if Iv1<Icmp or ICMP = 1)
Vbat Standby
Mode
V1: OFF
Reset Generator: OFF(Nreset=low)
Watchdog: OFF
Wake-up
Event
Wake-up
Event
SPI command
Vbat startup
All registers
Set to default,
Chip Reset bit (RSTB)
= 1
Vs > Vpor
7x Thermal Shutdown TSD2
OR
15 x WD fail
SPI command
OR
7x Thermal Shutdown 2
OR
V1 short to GND
(V1 < 2V for 4ms after switch ON)
OR
15 x WD Failure
3.6
Configurable window watchdog
During normal operation, the watchdog monitors the microcontroller within a programmable trigger cycle.
After power-on or standby mode, the watchdog starts with a timeout (long open window tLW). The timeout allows
the microcontroller to run its own setup and then to start the window watchdog by setting TRIG = 1. Subsequently,
the microcontroller has to serve the watchdog by alternating the watchdog trigger bit within the safe trigger area
Tswx. The trigger time is configurable by SPI.
A correct watchdog trigger signal immediately starts the next cycle.
After 8 watchdog failures in sequence, the V1 regulator is switched off for tv1off. After 7 additional watchdog
failures the V1 regulator is turned off permanently and the device goes into forced VBAT_Standby mode. The
status bit FORCED_SLEEP_WD (SR 8) is set. A wake-up is possible by any activated wake-up source.
In case of a watchdog failure, the power outputs and V2 are switched off and the device enters fail-safe mode. All
control registers are set to their failsafe values.
The following diagrams illustrate the watchdog behavior of the device. The diagrams are split in 3 parts. The first
diagram shows the functional behavior of the watchdog without any error. The second diagram covers the
behavior covering all the error conditions, which can affect the watchdog behavior. The third diagram shows the
transition in and out of debug mode. All 3 diagrams can be overlapped to get all the possible state transitions
under all circumstances. For a better readability, they were split in normal operating, with errors and debug mode.
L99DZ320
Functional description
DS14235 - Rev 5
page 52/146



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com