Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

L99DZ320TR Datasheet(PDF) 1 Page - STMicroelectronics

Part # L99DZ320TR
Description  Automotive rear door device with CAN FD and LIN
PDF  146 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L99DZ320TR Datasheet(HTML) 1 Page - STMicroelectronics

  L99DZ320TR Datasheet HTML 1Page - STMicroelectronics L99DZ320TR Datasheet HTML 2Page - STMicroelectronics L99DZ320TR Datasheet HTML 3Page - STMicroelectronics L99DZ320TR Datasheet HTML 4Page - STMicroelectronics L99DZ320TR Datasheet HTML 5Page - STMicroelectronics L99DZ320TR Datasheet HTML 6Page - STMicroelectronics L99DZ320TR Datasheet HTML 7Page - STMicroelectronics L99DZ320TR Datasheet HTML 8Page - STMicroelectronics L99DZ320TR Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 146 page
background image
Features
•
AEC-Q100 qualified
•
1 half bridge for 7.5 A load (RON = 100 mΩ)
•
1 half bridge for 6 A load (RON = 150 mΩ)
•
1 half bridge for 3 A load (RON = 300 mΩ)
•
1 configurable high-side driver for up to 1.5 A (RON = 300 mΩ) or 0.35 A
(RON = 1600 mΩ) load
•
2 high-side drivers for 0.5 A (RON = 1.4 Ω)
•
6 high-side drivers for 0.15 A (RON = 7 Ω)
•
CAN FD transceiver supporting communication up to 5 Mbit/s
(ISO 11898-2/2016 and SAE J2284 compliant) with local failure and bus failure
diagnosis
•
LIN transceiver ISO 17987-4/2016 compliant
•
Advanced lock & fold closing by means of PWM control on HB6 and HB4-HB5
•
Advanced short-circuit detection on all the half bridges
•
All HS drivers with constant current mode at startup to drive capacitive loads
•
Internal 10-bit PWM timer for each standalone high-side driver
•
Buffered supply for voltage regulators and 2 high-side drivers (HS15&HS0/both
P-channel) to supply, for example, external contacts
•
Programmable overcurrent recovery function, to drive loads with higher inrush
currents as current limitation value (for HB4-HB6, HS7-HS9)
•
Flexible HS drivers (HS7-HS15 and HS0), suitable to drive external LED
modules with high input capacitance value
•
Programmable periodic system wake-up feature
•
Complete 2-channel contact monitoring interface, with programmable cyclic
sense functionality, one of them also with DIR functionality
•
Dedicated debug input pin
•
Configurable window watchdog
•
STMicroelectronics standard serial peripheral interface (32-bit/ST-SPI 4.0)
•
Programmable reset generator for power-on and undervoltage
•
Ultra low-quiescent current in standby modes
•
No electrolytic capacitor required on regulator outputs
•
Two 5 V voltage regulators for microcontroller and peripheral supply
•
Central two-stage charge pumps
•
Motor bridge driver for 4 external MOSFETs, in H-bridge configuration with
short-circuit protection/diagnosis and openload diagnosis
•
Diagnostic functions
•
Current monitor output for all internal high-side drivers
•
Digital thermal clusters
•
The device contains temperature warning and protection
•
Open-load diagnosis for all the outputs
•
Overcurrent protection for all the outputs
LQFP64L exposed pad down
(10x10x1.4 mm)
Product status link
L99DZ320
Product summary
Order code
L99DZ320TR
Package
LQFP-64
Packing
Tape and reel
Automotive rear door device with CAN FD and LIN
L99DZ320
Datasheet
DS14235 - Rev 5 - September 2024
For further information contact your local STMicroelectronics sales office.
www.st.com


Similar Part No. - L99DZ320TR

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
L99DZ300G STMICROELECTRONICS-L99DZ300G Datasheet
8Mb / 157P
Automotive front door device with CAN FD and LIN
09-Oct-2024
L99DZ300GTR STMICROELECTRONICS-L99DZ300GTR Datasheet
8Mb / 157P
Automotive front door device with CAN FD and LIN
09-Oct-2024
L99DZ380 STMICROELECTRONICS-L99DZ380 Datasheet
9Mb / 172P
Automotive high end front door module with 2 LIN and CAN FD
26-Sep-2024
L99DZ380TR STMICROELECTRONICS-L99DZ380TR Datasheet
9Mb / 172P
Automotive high end front door module with 2 LIN and CAN FD
26-Sep-2024
More results

Similar Description - L99DZ320TR

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
LPC2921 PHILIPS-LPC2921 Datasheet
458Kb / 81P
ARM9 microcontroller with CAN, LIN, and USB device
Rev.00.01-24 October 2008
logo
Texas Instruments
TCAN1042-Q1 TI1-TCAN1042-Q1_16 Datasheet
561Kb / 37P
Automotive Fault Protected CAN Transceiver with CAN FD
TCAN1051-Q1 TI1-TCAN1051-Q1 Datasheet
510Kb / 35P
Automotive Fault Protected CAN Transceiver with CAN FD
logo
Keysight Technologies
N8803C KEYSIGHT-N8803C Datasheet
1Mb / 10P
CAN, LIN, FlexRay, and CAN-FD Protocol
logo
STMicroelectronics
L99DZ120 STMICROELECTRONICS-L99DZ120 Datasheet
2Mb / 162P
Automotive door actuator driver with embedded LIN
22-Nov-2016
logo
Texas Instruments
TCAN1042-Q1 TI1-TCAN1042-Q1_17 Datasheet
590Kb / 40P
Automotive Fault Protected CAN Transceiver with CAN FD
logo
NXP Semiconductors
FS6500 NXP-FS6500 Datasheet
740Kb / 20P
Safety Power System Basis Chip with CAN FD and LIN
Rev.1.0-14 December 2017
logo
STMicroelectronics
L99DZ200G STMICROELECTRONICS-L99DZ200G Datasheet
4Mb / 198P
Automotive front door device with LIN and CAN providing dual H-bridge driving
06-Apr-2021
SPSB081 STMICROELECTRONICS-SPSB081 Datasheet
3Mb / 135P
Automotive power management IC with LIN and CAN-FD
05-Oct-2022
L99DZ100G STMICROELECTRONICS-L99DZ100G Datasheet
4Mb / 197P
Automotive door module with LIN and HS-CAN (L99DZ100G) or HS-CAN supporting selective wake up (L99DZ100GP)
11-Mar-2019
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com