| Electronic Components Datasheet Search |
|
L99DZ320TR Datasheet(PDF) 83 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
L99DZ320TR Datasheet(HTML) 83 Page - STMicroelectronics |
|
83 / 146 page ![]() Table 58. Global status byte Bit 31 Bit 30 Bit 29 Bit 28 Bit 27 Bit 26 Bit 25 Bit 24 GSBN RSTB SPIE PLE FE DE GW FS Global status bit not (GSBN) The GSBN is a logical NOR combination of Bit 24 to Bit 30. This bit can also be used as a global status flag without starting a complete communication frame as it is present directly after pulling CSN low. • Reset bit (RSTB) The RSTB indicates a device reset. In case this bit is set, specific internal control registers are set to default and kept in that state until the bit is cleared. The RSTB bit is cleared after a read and clear of all the specific bits in the status registers that caused the reset event. • SPI error (SPIE) The SPIE is a logical OR combination of errors related to a wrong SPI communication. • Physical layer error (PLE) The PLE is a logical OR combination of errors related to the LIN and CAN FD transceivers. • Functional error (FE) The FE is a logical OR combination of errors coming from functional blocks (for example high-side overcurrent). • Device error (DE) The DE is a logical OR combination of errors related to device specific blocks (for example VS overvoltage, over temperature). • Global warning (GW) The GW is a logical OR combination of warning flags (for example thermal warning). • Fail-safe (FS) The FS bit indicates that the device was forced into a safe state due to mistreatment or fundamental internal errors (for example watchdog failure, voltage regulator failure). Data out payload The payload (data bytes 1 to 3) is the data transferred from the slave device with every SPI communication to the master device. The payload always follows the OpCode and the address bits of the actual shifted in data (in frame response). 4.2.3 Address definition Table 59. Address definition - device application access Device application access Operating code OC1 OC0 0 0 0 1 1 0 Table 60. Address definition - device information read access Device information read access Operating code OC1 OC0 1 1 L99DZ320 Serial peripheral interface (SPI) DS14235 - Rev 5 page 83/146 |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |