Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

TAS5802PWPR Datasheet(PDF) 32 Page - Texas Instruments

Part # TAS5802PWPR
Description  TAS5802 22W Stereo, Inductor-Less, Digital Input, Closed-Loop Class-D Audio Amplifier with 96Khz Extended Processing and Low Idle Power Dissipation
PDF  106 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TAS5802PWPR Datasheet(HTML) 32 Page - Texas Instruments

Back Button TAS5802PWPR Datasheet HTML 28Page - Texas Instruments TAS5802PWPR Datasheet HTML 29Page - Texas Instruments TAS5802PWPR Datasheet HTML 30Page - Texas Instruments TAS5802PWPR Datasheet HTML 31Page - Texas Instruments TAS5802PWPR Datasheet HTML 32Page - Texas Instruments TAS5802PWPR Datasheet HTML 33Page - Texas Instruments TAS5802PWPR Datasheet HTML 34Page - Texas Instruments TAS5802PWPR Datasheet HTML 35Page - Texas Instruments TAS5802PWPR Datasheet HTML 36Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 106 page
background image
low switching frequency (For example, Fsw = 384 kHz) with proper LC filter (15 µH + 0.68 µF or 22 µH + 0.68
µF) is recommended. Follow these steps when using Hybrid Modulation:
1) With Hybrid Modulation, users need to input the system's PVDD value via device development application.
2) With Hybrid Modulation, Change device state from Deep Sleep Mode to Play Mode, specific sequence is
required:
1. Set device's PWM Modulation to BD or 1SPW mode via Register (Book0/Page0/Register0x02h, Bit [1:0]).
2. Set device to Hi-Z state via Register (Book0/Page0/Register0x03h, Bit [1:0]).
3. Delay 2ms.
4. Set device's PWM Modulation to Hybrid mode via Register (Book0/Page0/Register0x02h, Bit [1:0]).
5. Delay 15ms.
6. Set device to Play state via Register (Book0/Page0/Register0x03h, Bit [1:0]).
6.5 Programming and Control
6.5.1 I2C Serial Communication Bus
The device has a bidirectional serial control interface that is compatible with the Inter IC (I2C) bus protocol and
supports 100 and 400-kbps data transfer rates for random and sequential write and read operations as a target
device. Because the TAS5802 register map and DSP memory spans multiple pages and books, the user should
change from page to page or book to book before writing individual register or DSP memory. Changing from
book to book is accomplished via register 0x7F on page 0x00 of each book. Changing from page to page is
accomplished via register 0x00 on each page. This register value selects the page address, from 0 to 255.
6.5.2 Target Address
The TAS5802 device has 7 bits for the target address. The first five bits (MSBs) of the target address are factory
preset to 10101(0xAx). The next two bits of address byte are the device select bits which can be user-defined by
ADR pin in I2C Target Address Configuration.
Table 6-5. I2C Target Address Configuration
ADR/FAULT PIN
Configuration
MSBs
User Define
LSB
4.7kΩ to DVDD
1
0
1
0
1
0
0
R/ W
15kΩ to DVDD
1
0
1
0
1
0
1
R/ W
47kΩ to DVDD
1
0
1
0
1
1
0
R/ W
120kΩ to DVDD
1
0
1
0
1
1
1
R/ W
6.5.2.1 Random Write
As shown in Figure 6-12, a single-byte data-write transfer begins with the master device transmitting a start
condition followed by the I2C device address and the read/write bit. The read/write bit determines the direction of
the data transfer. For a write data transfer, the read/write bit is a 0. After receiving the correct I2C device address
and the read/write bit, the device responds with an acknowledge bit. Next, the master transmits the address
byte corresponding to the internal memory address being accessed. After receiving the address byte, the device
again responds with an acknowledge bit. Next, the master device transmits the data byte to be written to the
memory address being accessed. After receiving the data byte, the device again responds with an acknowledge
bit. Finally, the master device transmits a stop condition to complete the single-byte data-write transfer.
Figure 6-12. Random Write Transfer
TAS5802
SLASFB7A – NOVEMBER 2024 – REVISED AUGUST 2025
www.ti.com
32
Submit Document Feedback
Copyright © 2025 Texas Instruments Incorporated
Product Folder Links: TAS5802



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com