Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

TAS5802PWPR Datasheet(PDF) 48 Page - Texas Instruments

Part # TAS5802PWPR
Description  TAS5802 22W Stereo, Inductor-Less, Digital Input, Closed-Loop Class-D Audio Amplifier with 96Khz Extended Processing and Low Idle Power Dissipation
PDF  106 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TAS5802PWPR Datasheet(HTML) 48 Page - Texas Instruments

Back Button TAS5802PWPR Datasheet HTML 44Page - Texas Instruments TAS5802PWPR Datasheet HTML 45Page - Texas Instruments TAS5802PWPR Datasheet HTML 46Page - Texas Instruments TAS5802PWPR Datasheet HTML 47Page - Texas Instruments TAS5802PWPR Datasheet HTML 48Page - Texas Instruments TAS5802PWPR Datasheet HTML 49Page - Texas Instruments TAS5802PWPR Datasheet HTML 50Page - Texas Instruments TAS5802PWPR Datasheet HTML 51Page - Texas Instruments TAS5802PWPR Datasheet HTML 52Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 48 / 106 page
background image
7.1.8 I2S_CTRL Register (Offset = 31h) [Reset = 00h]
I2S_CTRL is shown in Figure 7-8 and described in Table 7-10.
Return to the Summary Table.
I2S control 0
Figure 7-8. I2S_CTRL Register
7
6
5
4
3
2
1
0
RESERVED
BCLK_INV
RESERVED
R/W-0h
R/W-0h
R/W-0h
Table 7-10. I2S_CTRL Register Field Descriptions
Bit
Field
Type
Reset
Description
7-6
RESERVED
R/W
0h
5
BCLK_INV
R/W
0h
BCLK Polarity
This bit sets the inverted BCLK mode. In inverted BCLK mode, the
DAC assumes that the LRCLK and DIN edges are aligned to the
rising edge of the BCLK. Normally they are assumed to be aligned to
the falling edge of the BCLK.
0: Normal BCLK mode
1: Inverted BCLK mode
4-0
RESERVED
R/W
0h
TAS5802
SLASFB7A – NOVEMBER 2024 – REVISED AUGUST 2025
www.ti.com
48
Submit Document Feedback
Copyright © 2025 Texas Instruments Incorporated
Product Folder Links: TAS5802



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com