Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

TAS5802PWPR Datasheet(PDF) 83 Page - Texas Instruments

Part # TAS5802PWPR
Description  TAS5802 22W Stereo, Inductor-Less, Digital Input, Closed-Loop Class-D Audio Amplifier with 96Khz Extended Processing and Low Idle Power Dissipation
PDF  106 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TAS5802PWPR Datasheet(HTML) 83 Page - Texas Instruments

Back Button TAS5802PWPR Datasheet HTML 79Page - Texas Instruments TAS5802PWPR Datasheet HTML 80Page - Texas Instruments TAS5802PWPR Datasheet HTML 81Page - Texas Instruments TAS5802PWPR Datasheet HTML 82Page - Texas Instruments TAS5802PWPR Datasheet HTML 83Page - Texas Instruments TAS5802PWPR Datasheet HTML 84Page - Texas Instruments TAS5802PWPR Datasheet HTML 85Page - Texas Instruments TAS5802PWPR Datasheet HTML 86Page - Texas Instruments TAS5802PWPR Datasheet HTML 87Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 83 / 106 page
background image
8.2 Typical Applications
8.2.1 2.0 (Stereo BTL) System
In the 2.0 system, two channels are presented to the amplifier via the digital input signal. These two channels
are amplified and then sent to two separate speakers. In some cases, the amplified signal is further separated
based upon frequency by a passive crossover network after the L-C filter. Even so, the application is considered
2.0.
Most commonly, the two channels are a pair of signals called a stereo pair, with one channel containing the
audio for the left channel and the other channel containing the audio for the right channel. While certainly the
two channels can contain any two audio channels, such as two surround channels of a multi-channel speaker
system, the most popular occurrence in two channels systems is a stereo pair.
Figure 8-1 and Figure 8-2 shows the 2.0 (Stereo BTL) system application with a ferrite bead filter and L-C filter,
respectively.
TAS5802
Figure 8-1. 2.0 (Stereo BTL) System Application Schematic with Ferrite Bead as the output filter
www.ti.com
TAS5802
SLASFB7A – NOVEMBER 2024 – REVISED AUGUST 2025
Copyright © 2025 Texas Instruments Incorporated
Submit Document Feedback
83
Product Folder Links: TAS5802



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com