Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

TAS5802PWPR Datasheet(PDF) 82 Page - Texas Instruments

Part # TAS5802PWPR
Description  TAS5802 22W Stereo, Inductor-Less, Digital Input, Closed-Loop Class-D Audio Amplifier with 96Khz Extended Processing and Low Idle Power Dissipation
PDF  106 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TAS5802PWPR Datasheet(HTML) 82 Page - Texas Instruments

Back Button TAS5802PWPR Datasheet HTML 78Page - Texas Instruments TAS5802PWPR Datasheet HTML 79Page - Texas Instruments TAS5802PWPR Datasheet HTML 80Page - Texas Instruments TAS5802PWPR Datasheet HTML 81Page - Texas Instruments TAS5802PWPR Datasheet HTML 82Page - Texas Instruments TAS5802PWPR Datasheet HTML 83Page - Texas Instruments TAS5802PWPR Datasheet HTML 84Page - Texas Instruments TAS5802PWPR Datasheet HTML 85Page - Texas Instruments TAS5802PWPR Datasheet HTML 86Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 82 / 106 page
background image
Load
spea
power
output
peak
R
Power
Output
Max
I
ker_
_
_
/
_
_
2 u
|
(3)
Same PVDD and switching frequency, larger inductance means smaller idle current for lower power dissipation.
It's suggested that inductor's saturation current Isat, is larger than the amplifier's peak current during power-up
and play audio.
)
,
,
max(
_
_
_
_
_
power
output
peak
clipping
peak
up
power
peak
SAT
I
I
I
I
t
(4)
In addition, the effective inductance at the peak current is required to be at least 80% of the inductance value in
Table 8-2, to meet datasheet specifications.
The minimum inductance is given in Table 8-2.
Table 8-2. LC filter recommendation
Switching Frequency (kHz)
Modulation Scheme
Recommended Minimum Inductance (uH) for LC filter
design
1024
1SPW
3.3 µH (or larger) + Capacitor (0.22uF~0.68uF)
768
4.7 µH (or larger) + Capacitor (0.22uF~0.68uF)
384 or 480
10 µH (or larger) +Capacitor (0.22uF~0.68uF)
384~1024
BD
8.2uH (or Larger) +Capacitor (0.22uF~0.68uF)
For inductor selection refer to LCFILTER-CALC-TOOL.
8.1.3 Power Supply Decoupling
To ensure high efficiency, low THD, and high PSRR, proper power supply decoupling is necessary. Noise
transients on the power supply lines are short duration voltage spikes. These spikes can contain frequency
components that extend into the hundreds of megahertz. The power supply input must be decoupled with some
good quality, low ESL, Low ESR capacitors larger than 22µF. These capacitors bypasses low frequency noise
to the ground plane. For high frequency decoupling, place 1µF or 0.1µF capacitors as close as possible to the
PVDD pins of the device.
8.1.4 Output EMI Filtering
The TAS5802 device is often used with a low-pass filter, which is used to filter out the carrier frequency of the
PWM modulated output. This filter is frequently referred to as the L-C Filter, due to the presence of an inductive
element L and a capacitive element C to make up the 2-pole filter.
The L-C filter removes the carrier frequency, reducing electromagnetic emissions and smoothing the current
waveform which is drawn from the power supply. The presence and size of the L-C filter is determined by several
system level constraints. In some low-power use cases that have no other circuits which are sensitive to EMI, a
simple ferrite bead or a ferrite bead plus a capacitor can replace the tradition large inductor and capacitor that
are commonly used. In other high-power applications, large toroid inductors are required for maximum power
and film capacitors can be used due to audio characteristics. Refer to the application report Class-D LC Filter
Design (SLOA119) for a detailed description on the proper component selection and design of an L-C filter
based upon the desired load and response.
TAS5802
SLASFB7A – NOVEMBER 2024 – REVISED AUGUST 2025
www.ti.com
82
Submit Document Feedback
Copyright © 2025 Texas Instruments Incorporated
Product Folder Links: TAS5802



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com