Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

TAS5802PWPR Datasheet(PDF) 80 Page - Texas Instruments

Part # TAS5802PWPR
Description  TAS5802 22W Stereo, Inductor-Less, Digital Input, Closed-Loop Class-D Audio Amplifier with 96Khz Extended Processing and Low Idle Power Dissipation
PDF  106 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TAS5802PWPR Datasheet(HTML) 80 Page - Texas Instruments

Back Button TAS5802PWPR Datasheet HTML 76Page - Texas Instruments TAS5802PWPR Datasheet HTML 77Page - Texas Instruments TAS5802PWPR Datasheet HTML 78Page - Texas Instruments TAS5802PWPR Datasheet HTML 79Page - Texas Instruments TAS5802PWPR Datasheet HTML 80Page - Texas Instruments TAS5802PWPR Datasheet HTML 81Page - Texas Instruments TAS5802PWPR Datasheet HTML 82Page - Texas Instruments TAS5802PWPR Datasheet HTML 83Page - Texas Instruments TAS5802PWPR Datasheet HTML 84Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 80 / 106 page
background image
7.1.40 FAULT_CLEAR Register (Offset = 78h) [Reset = 00h]
FAULT_CLEAR is shown in Figure 7-40 and described in Table 7-42.
Return to the Summary Table.
Fault clear
Figure 7-40. FAULT_CLEAR Register
7
6
5
4
3
2
1
0
FAULT_CLR
RESERVED
W-0h
W-0h
Table 7-42. FAULT_CLEAR Register Field Descriptions
Bit
Field
Type
Reset
Description
7
FAULT_CLR
W
0h
WRITE CLEAR BIT
0: No fault clear
1: Clear analog fault
6-0
RESERVED
W
0h
TAS5802
SLASFB7A – NOVEMBER 2024 – REVISED AUGUST 2025
www.ti.com
80
Submit Document Feedback
Copyright © 2025 Texas Instruments Incorporated
Product Folder Links: TAS5802



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com