Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

TAS5802PWPR Datasheet(PDF) 89 Page - Texas Instruments

Part # TAS5802PWPR
Description  TAS5802 22W Stereo, Inductor-Less, Digital Input, Closed-Loop Class-D Audio Amplifier with 96Khz Extended Processing and Low Idle Power Dissipation
PDF  106 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TAS5802PWPR Datasheet(HTML) 89 Page - Texas Instruments

Back Button TAS5802PWPR Datasheet HTML 85Page - Texas Instruments TAS5802PWPR Datasheet HTML 86Page - Texas Instruments TAS5802PWPR Datasheet HTML 87Page - Texas Instruments TAS5802PWPR Datasheet HTML 88Page - Texas Instruments TAS5802PWPR Datasheet HTML 89Page - Texas Instruments TAS5802PWPR Datasheet HTML 90Page - Texas Instruments TAS5802PWPR Datasheet HTML 91Page - Texas Instruments TAS5802PWPR Datasheet HTML 92Page - Texas Instruments TAS5802PWPR Datasheet HTML 93Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 89 / 106 page
background image
8.4.1.3.2.1 PCB footprint and Via Arrangement
The PCB footprint (also known as a symbol or land pattern) communicates to the PCB fabrication vendor the
shape and position of the copper patterns to which the TAS5802 device will be soldered. This footprint can be
followed directly from the guidance in the package addendum at the end of this data sheet. It is important to
make sure that the thermal pad, which connects electrically and thermally to the PowerPAD™ of the TAS5802
device, be made no smaller than what is specified in the package addendum. This ensures that the TAS5802
device has the largest interface possible to move heat from the device to the board.
The via pattern shown in the package addendum provides an improved interface to carry the heat from the
device through to the layers of the PCB, because small diameter plated vias (with minimally-sized annular rings)
present a low thermal-impedance path from the device into the PCB. Once into the PCB, the heat travels away
from the device and into the surrounding structures and air. By increasing the number of vias, as shown in
Section 8.4.2, this interface can benefit from improved thermal performance.
Note
Vias can obstruct heat flow if they are not constructed properly.
More notes on the construction and placement of vias are as follows:
• Remove thermal reliefs on thermal vias, because they impede the flow of heat through the via.
• Vias filled with thermally conductive material are best, but a simple plated via can be used to avoid the
additional cost of filled vias.
• The diameter of the drull must be 8 mm or less. Also, the distance between the via barrel and the surrounding
planes should be minimized to help heat flow from the via into the surrounding copper material. In all cases,
minimum spacing should be determined by the voltages present on the planes surrounding the via and
minimized wherever possible.
• Vias should be arranged in columns, which extend in a line radially from the heat source to the surrounding
area. This arrangement is shown in Section 8.4.2.
• Ensure that vias do not cut off power current flow from the power supply through the planes on internal
layers. If needed, remove some vias that are farthest from the TAS5802 device to open up the current path to
and from the device.
8.4.1.3.2.2 Solder Stencil
During the PCB assembly process, a piece of metal called a stencil on top of the PCB and deposits solder
paste on the PCB wherever there is an opening (called an aperture) in the stencil. The stencil determines the
quantity and the location of solder paste that is applied to the PCB in the electronic manufacturing process. In
most cases, the aperture for each of the component pads is almost the same size as the pad itself. However,
the thermal pad on the PCB is large and depositing a large, single deposition of solder paste would lead to
manufacturing issues. Instead, the solder is applied to the board in multiple apertures, to allow the solder paste
to outgas during the assembly process and reduce the risk of solder bridging under the device. This structure is
called an aperture array, and is shown in Section 8.4.2. It is important that the total area of the aperture array
(the area of all of the small apertures combined) covers between 70% and 80% of the area of the thermal pad
itself.
www.ti.com
TAS5802
SLASFB7A – NOVEMBER 2024 – REVISED AUGUST 2025
Copyright © 2025 Texas Instruments Incorporated
Submit Document Feedback
89
Product Folder Links: TAS5802



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com