Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MAX4364ESA/V+T Datasheet(PDF) 3 Page - Analog Devices

Part # MAX4364ESA/V+T
Description  1.4W and 1W, Ultra-Small, Audio Power Amplifiers with Shutdown
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

MAX4364ESA/V+T Datasheet(HTML) 3 Page - Analog Devices

  MAX4364ESA/V+T Datasheet HTML 1Page - Analog Devices MAX4364ESA/V+T Datasheet HTML 2Page - Analog Devices MAX4364ESA/V+T Datasheet HTML 3Page - Analog Devices MAX4364ESA/V+T Datasheet HTML 4Page - Analog Devices MAX4364ESA/V+T Datasheet HTML 5Page - Analog Devices MAX4364ESA/V+T Datasheet HTML 6Page - Analog Devices MAX4364ESA/V+T Datasheet HTML 7Page - Analog Devices MAX4364ESA/V+T Datasheet HTML 8Page - Analog Devices MAX4364ESA/V+T Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 14 page
background image
(VCC = 3V, RL = ∞, CBIAS = 1μF to GND, VSHDN = VGND, TA = +25°C, unless otherwise noted.) (Note 3)
(VCC = 5V, RL = ∞, CBIAS = 1μF to GND, VSHDN = VGND, TA = +25°C, unless otherwise noted.) (Note 3)
Note 3: All specifications are 100% tested at TA = +25°C.
Note 4: Quiescent power-supply current is specified and tested with no load on the outputs. Quiescent power-supply current
depends on the offset voltage when a practical load is connected to the amplifier.
Note 5: Guaranteed by design, not production tested.
Note 6: Common-mode bias voltage is the voltage on BIAS and is nominally VCC/2.
Note 7: Maximum differential-output offset voltage is tested in a unity-gain configuration. VOS = VOUT+ - VOUT-.
Note 8: Output power is specified by a combination of a functional output-current test, and characterization analysis.
Note 9: Measurement bandwidth for THD+N is 22Hz to 22kHz.
Note 10: Extended short-circuit conditions result in a pulsed output.
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
Total Harmonic Distortion Plus
Noise
THD+N
AV = -2V/V, RL = 8Ω,
fIN = 1kHz (Notes 5, 9)
MAX4364,
POUT = 1W
0.04
%
MAX4365,
POUT = 750mW
0.1
Noise
fIN = 10kHz, BW = 22Hz to 22kHz
12
µVRMS
Short-Circuit Current
ISC
OUT+ to OUT- (Note 10)
600
mA
Thermal Shutdown Threshold
160
o
C
Thermal Shutdown Hysteresis
15
o
C
Power-Up Time
tPU
TA = +25°C
50
ms
CBIAS = 0.22µF, TA = -40°C to +85°C
(Note 5)
14
35
Shutdown Time
tSHDN
10
µs
Enable Time from Shutdown
tENABLE
TA = +25°C
50
ms
CBIAS = 0.22µF, TA = -40°C to +85°C
(Note 5)
12
35
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
Supply Current
ICC
(Note 4)
MAX4364
6
mA
MAX4365
4.5
Shutdown Supply Current
ISHDN
VSHDN = VCC
10
nA
Output Power
POUT
RL = 8Ω, THD+N =
1%, fIN = 1kHz
(Note 8)
MAX4364
400
500
mW
MAX4365
350
450
Total Harmonic Distortion Plus
Noise
THD + N AV = -2V/V, RL = 8Ω,
fIN = 1kHz (Notes 5, 9)
MAX4364,
POUT = 400mW
0.05
%
MAX4365,
POUT = 400mW
0.08
Electrical Characteristics—3V
Electrical Characteristics—5V (continued)
MAX4364/MAX4365
1.4W and 1W, Ultra-Small, Audio Power
Amplifiers with Shutdown
www.maximintegrated.com
Maxim Integrated │ 3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com