Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MAX4364ESA/V+T Datasheet(PDF) 1 Page - Analog Devices

Part # MAX4364ESA/V+T
Description  1.4W and 1W, Ultra-Small, Audio Power Amplifiers with Shutdown
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

MAX4364ESA/V+T Datasheet(HTML) 1 Page - Analog Devices

  MAX4364ESA/V+T Datasheet HTML 1Page - Analog Devices MAX4364ESA/V+T Datasheet HTML 2Page - Analog Devices MAX4364ESA/V+T Datasheet HTML 3Page - Analog Devices MAX4364ESA/V+T Datasheet HTML 4Page - Analog Devices MAX4364ESA/V+T Datasheet HTML 5Page - Analog Devices MAX4364ESA/V+T Datasheet HTML 6Page - Analog Devices MAX4364ESA/V+T Datasheet HTML 7Page - Analog Devices MAX4364ESA/V+T Datasheet HTML 8Page - Analog Devices MAX4364ESA/V+T Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
General Description
The MAX4364/MAX4365 are bridged audio power ampli-
fiers intended for portable audio devices with internal
speakers. The MAX4364 is capable of delivering 1.4W
from a single 5V supply and 500mW from a single 3V sup-
ply into an 8Ω load. The MAX4365 is capable of delivering
1W from a single 5V supply and 450mW from a single 3V
supply into an 8Ω load. The MAX4364/MAX4365 feature
0.04% THD+N at 1kHz, 68dB PSRR at 217Hz, and only
10nA of supply current in shutdown mode.
The MAX4364/MAX4365 bridged outputs eliminate the
need for output-coupling capacitors, minimizing external
component count. The MAX4364/MAX4365 also include
internal DC bias generation, clickless operation, short-
circuit and thermal-overload protection. Both devices are
unity-gain stable, with the gain set by two external resistors.
The MAX4364 is available in a small 8-pin SO package.
The MAX4365 is available in tiny 8-pin TDFN (3mm x
3mm x 0.8mm) and μMAX® packages.
Applications
● Cellular Phones
● PDAs
● Two-Way Radios
● General-Purpose Audio
Features
● 1.4W into 8Ω Load (MAX4364)
● 1W into 8Ω Load (MAX4365)
● 0.04% THD+N at 1kHz
● 68dB PSRR at 217Hz
● 2.7V to 5.5V Single-Supply Operation
● 5mA Supply Current
● Low-Power, 10nA Shutdown Mode
● Pin Compatible with the LM4861/LM4862/LM4864
(MAX4364)
● Clickless Power-Up and Shutdown
● Thermal-Overload and Short-Circuit Protection
● Available in TDFN, μMAX, and SO Packages
19-2387; Rev 7; 11/17
μMAX is a registered trademark of Maxim Integrated Products, Inc.
Pin Configurations appear at end of data sheet.
*EP = Exposed pad.
+Denotes a lead(Pb)-free/RoHS-compliant package.
/V denotes an automotive qualified part.
T = Tape and reel.
Ordering Information
PART
TEMP RANGE PIN-
PACKAGE
TOP
MARK
MAX4364ESA/V+T -40°C to +85°C 8 SO
—
MAX4365EUA+
-40°C to +85°C 8 µMAX
—
MAX4365ETA+
-40°C to +85°C 8 TDFN-EP*
ACD
Typical Application Circuit/Functional Diagram
VCC
VCC
6
2
3
4
1
8
5
7
OUT-
IN-
IN+
BIAS
CBIAS
CIN
RIN
RF
50kΩ
50kΩ
10kΩ
10kΩ
AUDIO
INPUT
CLICKLESS/POPLESS
SHUTDOWN CONTROL
GND
SHDN
OUT+
MAX4364
MAX4364/MAX4365
1.4W and 1W, Ultra-Small, Audio Power
Amplifiers with Shutdown


Similar Part No. - MAX4364ESA/V+T

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX4364ESA/V+T MAXIM-MAX4364ESA/V+T Datasheet
2Mb / 14P
1.4W and 1W, Ultra-Small, Audio Power Amplifiers with Shutdown
19-2387; Rev 7; 11/17
More results

Similar Description - MAX4364ESA/V+T

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM4860 NSC-LM4860 Datasheet
278Kb / 9P
Series 1W Audio Power Amplifier with Shutdown Mode
logo
Maxim Integrated Produc...
MAX4364 MAXIM-MAX4364 Datasheet
682Kb / 15P
1.4W and 1W, Ultra-Small, Audio Power Amplifiers with Shutdown
Rev 1; 10/02
MAX4366 MAXIM-MAX4366 Datasheet
494Kb / 18P
330mW, Ultra-Small, Audio Power Amplifiers with Shutdown
Rev 2; 12/02
MAX9716 MAXIM-MAX9716 Datasheet
333Kb / 19P
Low-Cost, Mono, 1.4W BTL Audio Power Amplifiers
Rev 0; 1/04
logo
National Semiconductor ...
LM4860 NSC-LM4860_00 Datasheet
323Kb / 11P
Series 1W Audio Power Amplifier with Shutdown Mode
logo
Maxim Integrated Produc...
MAX9716 MAXIM-MAX9716_09 Datasheet
405Kb / 21P
Low-Cost, Mono, 1.4W BTL Audio Power Amplifiers
Rev 2; 3/09
MAX4364 MAXIM-MAX4364_11 Datasheet
415Kb / 14P
1.4W and 1W, Ultra-Small, Audio Power Amplifiers with Shutdown
Rev 4; 5/11
logo
Texas Instruments
LM4860M_NOPB TI1-LM4860M_NOPB Datasheet
1,004Kb / 20P
Series 1W Audio Power Amplifier with Shutdown Mode
logo
Maxim Integrated Produc...
MAX4364 MAXIM-MAX4364_V01 Datasheet
2Mb / 14P
1.4W and 1W, Ultra-Small, Audio Power Amplifiers with Shutdown
19-2387; Rev 7; 11/17
MAX4366 MAXIM-MAX4366_V01 Datasheet
293Kb / 16P
330mW, Ultra-Small, Audio Power Amplifiers with Shutdown
19-2338; Rev 5; 6/08
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com