Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MAX4364ESA/V+T Datasheet(PDF) 10 Page - Analog Devices

Part # MAX4364ESA/V+T
Description  1.4W and 1W, Ultra-Small, Audio Power Amplifiers with Shutdown
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

MAX4364ESA/V+T Datasheet(HTML) 10 Page - Analog Devices

Back Button MAX4364ESA/V+T Datasheet HTML 6Page - Analog Devices MAX4364ESA/V+T Datasheet HTML 7Page - Analog Devices MAX4364ESA/V+T Datasheet HTML 8Page - Analog Devices MAX4364ESA/V+T Datasheet HTML 9Page - Analog Devices MAX4364ESA/V+T Datasheet HTML 10Page - Analog Devices MAX4364ESA/V+T Datasheet HTML 11Page - Analog Devices MAX4364ESA/V+T Datasheet HTML 12Page - Analog Devices MAX4364ESA/V+T Datasheet HTML 13Page - Analog Devices MAX4364ESA/V+T Datasheet HTML 14Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 10 / 14 page
background image
The increase in power delivered by the BTL configuration
directly results in an increase in internal power dissipation
over the single-ended configuration. The maximum power
dissipation for a given VCC and load is given by the fol-
lowing equation:
2
CC
DISSP(M AX )
2
L
2V
P
R
=
π
If the power dissipation for a given application exceeds
the maximum allowed for a given package, reduce VCC,
increase load impedance, decrease the ambient tempera-
ture or add heat sinking to the device. Large output, sup-
ply, and ground PC board traces improve the maximum
power dissipation in the package.
Thermal-overload protection limits total power dissipa-
tion in the MAX4364/MAX4365. When the junction tem-
perature exceeds +160°C, the thermal protection circuitry
disables the amplifier output stage. The amplifiers are
enabled once the junction temperature cools by 15°C.
This results in a pulsing output under continuous thermal
overload conditions as the device heats and cools.
The MAX4365 TDFN package features an exposed ther-
mal pad on its underside. This pad lowers the thermal
resistance of the package by providing a direct heat con-
duction path from the die to the PC board. Connect the
exposed thermal pad to circuit ground by using a large
pad, ground plane, or multiple vias to the ground plane.
Efficiency
The efficiency of the MAX4364/MAX4365 is calculated by
taking the ratio of the power delivered to the load to the
power consumed from the power supply. Output power is
calculated by the following equations:
2
PEAK
O UT
L
V
P
2R
=
where VPEAK is half the peak-to-peak output voltage. In
BTL amplifiers, the supply current waveform is a fullwave
rectified sinusoid with the magnitude proportional to the
peak output voltage and load. Calculate the supply cur-
rent and power drawn from the power supply by the fol-
lowing:
PEAK
CC
L
2V
I
R
=
π
PEAK
IN
CC
L
2V
PV
R
=
π
The efficiency of the MAX4364/MAX4365 is:
O UT L
O UT
IN
CC
PR
P
2
P
2V
π
η=
=
The device efficiency values in Table 1 are calculated
based on the previous equation and do include the effects
of quiescent current. Note that efficiency is low at low
output-power levels, but remains relatively constant at
normal operating, output-power levels.
Component Selection
Gain-Setting Resistors
External feedback components set the gain of both
devices. Resistors RF and RIN (see Typical Application
Circuit/Functional Diagram) set the gain of the amplifier
as follows:
F
VD
IN
R
A2
R
= ×
Optimum output offset is achieved when RF = 20kΩ.
Vary the gain by changing the value of RIN. When using
the MAX4364/MAX4365 in a high-gain configuration
(greater than 8V/V), a feedback capacitor may be required
to maintain stability (see Figure 2). CF and RF limit the
bandwidth of the device, preventing high-frequency oscil-
lations. Ensure that the pole created by CF and RF is not
within the frequency band of interest.
Input Filter
The input capacitor (CIN), in conjunction with RIN forms a
highpass filter that removes the DC bias from an incom-
ing signal. The AC-coupling capacitor allows the amplifier
to bias the signal to an optimum DC level. Assuming zero
source impedance, the -3dB point of the highpass filter is
given by:
3DB
IN IN
1
f
2R C
−
=
π
Choose RIN according to the Gain-Setting Resistors
section. Choose CIN such that f-3dB is well below the
lowest frequency of interest. Setting f-3dB too high
affects the low-frequency response of the amplifier. Use
capacitors whose dielectrics have low-voltage coeffi-
MAX4364/MAX4365
1.4W and 1W, Ultra-Small, Audio Power
Amplifiers with Shutdown
www.maximintegrated.com
Maxim Integrated │ 10



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com