Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MAX4364ESA/V+T Datasheet(PDF) 9 Page - Analog Devices

Part # MAX4364ESA/V+T
Description  1.4W and 1W, Ultra-Small, Audio Power Amplifiers with Shutdown
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

MAX4364ESA/V+T Datasheet(HTML) 9 Page - Analog Devices

Back Button MAX4364ESA/V+T Datasheet HTML 5Page - Analog Devices MAX4364ESA/V+T Datasheet HTML 6Page - Analog Devices MAX4364ESA/V+T Datasheet HTML 7Page - Analog Devices MAX4364ESA/V+T Datasheet HTML 8Page - Analog Devices MAX4364ESA/V+T Datasheet HTML 9Page - Analog Devices MAX4364ESA/V+T Datasheet HTML 10Page - Analog Devices MAX4364ESA/V+T Datasheet HTML 11Page - Analog Devices MAX4364ESA/V+T Datasheet HTML 12Page - Analog Devices MAX4364ESA/V+T Datasheet HTML 13Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 14 page
background image
Detailed Description
The MAX4364/MAX4365 bridged audio power ampli-
fiers can deliver 1.4W into 8Ω (MAX4364) or 1W into
8Ω (MAX4365) while operating from a single 5V supply.
These devices consist of two high-output-current op amps
configured as a bridge-tied load (BTL) amplifier (see
Typical Application Circuit/Functional Diagram). The gain
of the device is set by the closed-loop gain of the input op
amp. The output of the first amplifier serves as the input
to the second amplifier, which is configured as an invert-
ing unity-gain follower in both devices. This results in two
outputs, identical in magnitude, but 180° out of phase.
BIAS
The MAX4364/MAX4365 feature an internally generated
common-mode bias voltage of VCC/2 referenced to GND.
BIAS provides both click-and-pop suppression and the DC
bias level for the audio signal. BIAS is internally connected
to the noninverting input of one amplifier, and should be
connected to the noninverting input of the other amplifier
for proper signal biasing (see Typical Application Circuit/
Functional Diagram). Choose the value of the bypass
capacitor as described in the BIAS Capacitor section.
Shutdown
The MAX4364/MAX4365 feature a 10nA, low-power shut-
down mode that reduces quiescent current consumption.
Pulling SHDN high disables the device’s bias circuitry, the
amplifier outputs go high impedance, and BIAS is driven
to GND. Connect SHDN to GND for normal operation.
Current Limit
The MAX4364/MAX4365 feature a current limit that pro-
tects the device during output short circuit and overload
conditions. When both amplifier outputs are shorted to
either VCC or GND, the short-circuit protection is enabled
and the amplifier enters a pulsing mode, reducing the
average output current to a safe level. The amplifier
remains in this mode until the overload or short-circuit
condition is removed.
Applications Information
Bridge-Tied Load
The MAX4364/MAX4365 are designed to drive a load
differentially in a BTL configuration. The BTL configura-
tion (Figure 1) offers advantages over the single-ended
configuration, where one side of the load is connected to
ground. Driving the load differentially doubles the output
voltage compared to a single-ended amplifier under simi-
lar conditions. Thus, the differential gain of the device is
twice the closed-loop gain of the input amplifier. The effec-
tive gain is given by:
= × F
VD
IN
R
A2
R
Substituting 2 VOUT(P-P) into the following equations
yields four times the output power due to doubling of the
output voltage.
O UT(P P )
RM S
2
RM S
O UT
L
V
V
22
V
P
R
−
=
=
Since the differential outputs are biased at midsupply,
there is no net DC voltage across the load. This elimi-
nates the need for DC-blocking capacitors required for
single-ended amplifiers. These capacitors can be large,
expensive, consume board space, and degrade low-
frequency performance.
Power Dissipation
Under normal operating conditions, the MAX4364/
MAX4365 can dissipate a significant amount of power.
The maximum power dissipation for each package is
given in the Absolute Maximum Ratings section under
Continuous Power Dissipation or can be calculated by the
following equation:
J(M AX )
A
DISSPKG(M AX )
JA
TT
P
−
=
θ
where TJ(MAX) is +150°C, TA is the ambient temperature
and θJA is the reciprocal of the derating factor in °C/W as
specified in the Package Thermal Characteristics section.
For example, θJA of the μMAX package is 206.3°C/W.
Figure 1. Bridge-Tied Load Configuration
+1
VOUT(P-P)
2 x VOUT(P-P)
VOUT(P-P)
-1
MAX4364/MAX4365
1.4W and 1W, Ultra-Small, Audio Power
Amplifiers with Shutdown
www.maximintegrated.com
Maxim Integrated │ 9



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com