Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MAX4364ESA/V+T Datasheet(PDF) 4 Page - Analog Devices

Part # MAX4364ESA/V+T
Description  1.4W and 1W, Ultra-Small, Audio Power Amplifiers with Shutdown
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

MAX4364ESA/V+T Datasheet(HTML) 4 Page - Analog Devices

  MAX4364ESA/V+T Datasheet HTML 1Page - Analog Devices MAX4364ESA/V+T Datasheet HTML 2Page - Analog Devices MAX4364ESA/V+T Datasheet HTML 3Page - Analog Devices MAX4364ESA/V+T Datasheet HTML 4Page - Analog Devices MAX4364ESA/V+T Datasheet HTML 5Page - Analog Devices MAX4364ESA/V+T Datasheet HTML 6Page - Analog Devices MAX4364ESA/V+T Datasheet HTML 7Page - Analog Devices MAX4364ESA/V+T Datasheet HTML 8Page - Analog Devices MAX4364ESA/V+T Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 14 page
background image
(VCC = 5V, THD+N measurement bandwidth = 22Hz to 22kHz, TA = +25°C, unless otherwise noted.)
Typical Operating Characteristics
FREQUENCY (Hz)
100
1k
0.1
1
10
0.01
0
10k
VCC = 5V
AV = 4V/V
RL = 8Ω
0.25W
0.5W
1W
MAX4364
TOTAL HARMONIC DISTORTION
PLUS NOISE vs. FREQUENCY
FREQUENCY (Hz)
100
1k
0.1
1
10
0.01
0
10k
VCC = 5V
AV = 20V/V
RL = 8Ω
0.25W
0.5W
1W
MAX4364
TOTAL HARMONIC DISTORTION
PLUS NOISE vs. FREQUENCY
FREQUENCY (Hz)
100
1k
0.1
1
10
0.01
0
10k
VCC = 3V
AV = 2V/V
RL = 8Ω
0.25W
0.4W
MAX4364
TOTAL HARMONIC DISTORTION
PLUS NOISE vs. FREQUENCY
FREQUENCY (Hz)
100
1k
0.1
1
10
0.01
0
10k
VCC = 3V
AV = 4V/V
RL = 8Ω
0.25W
0.4W
MAX4364
TOTAL HARMONIC DISTORTION
PLUS NOISE vs. FREQUENCY
FREQUENCY (Hz)
100
1k
0.1
1
10
0.01
0
10k
VCC = 3V
AV = 20V/V
RL = 8Ω
0.25W
0.4W
MAX4364
TOTAL HARMONIC DISTORTION
PLUS NOISE vs. FREQUENCY
1650
1000
520
200
40
0.01
0.1
1
10
100
0.001
0
2450
MAX4364
TOTAL HARMONIC DISTORTION
PLUS NOISE vs. OUTPUT POWER
OUTPUT POWER (mW)
VCC = 5V
AV = 2V/V
RL = 8Ω
20kHz
1kHz
20Hz
MAX4364
TOTAL HARMONIC DISTORTION
PLUS NOISE vs. FREQUENCY
FREQUENCY (Hz)
100
1k
0.1
1
10
0.01
0
10k
VCC = 5V
AV = 2V/V
RL = 8Ω
0.25W
0.5W
1W
1650
1000
520
200
40
0.01
0.1
1
10
100
0.001
0
2450
OUTPUT POWER (mW)
VCC = 5V
AV = 4V/V
RL = 8Ω
20Hz
20kHz
1kHz
MAX4364
TOTAL HARMONIC DISTORTION
PLUS NOISE vs. OUTPUT POWER
1700
1000
525
190
20
0.01
0.1
1
10
100
0.001
0
2500
OUTPUT POWER (mW)
VCC = 3V
AV = 2V/V
RL = 8Ω
20kHz
20Hz
1kHz
MAX4364
TOTAL HARMONIC DISTORTION
PLUS NOISE vs. OUTPUT POWER
MAX4364/MAX4365
1.4W and 1W, Ultra-Small, Audio Power
Amplifiers with Shutdown
Maxim Integrated │ 4
www.maximintegrated.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com