Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MAX4364ESA/V+T Datasheet(PDF) 12 Page - Analog Devices

Part # MAX4364ESA/V+T
Description  1.4W and 1W, Ultra-Small, Audio Power Amplifiers with Shutdown
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

MAX4364ESA/V+T Datasheet(HTML) 12 Page - Analog Devices

Back Button MAX4364ESA/V+T Datasheet HTML 6Page - Analog Devices MAX4364ESA/V+T Datasheet HTML 7Page - Analog Devices MAX4364ESA/V+T Datasheet HTML 8Page - Analog Devices MAX4364ESA/V+T Datasheet HTML 9Page - Analog Devices MAX4364ESA/V+T Datasheet HTML 10Page - Analog Devices MAX4364ESA/V+T Datasheet HTML 11Page - Analog Devices MAX4364ESA/V+T Datasheet HTML 12Page - Analog Devices MAX4364ESA/V+T Datasheet HTML 13Page - Analog Devices MAX4364ESA/V+T Datasheet HTML 14Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 12 / 14 page
background image
Clickless/Popless Operation
Proper selection of AC-coupling capacitors (CIN) and
CBIAS achieves clickless/popless shutdown and startup.
The value of CBIAS determines the rate at which the mid-
rail bias voltage rises on startup and falls when entering
shutdown. The size of the input capacitor also affects
clickless/popless operation. On startup, CIN is charged
to its quiescent DC voltage through the feedback resis-
tor (RF) from the output. This current creates a voltage
transient at the amplifier’s output, which can result in
an audible pop. Minimizing the size of CIN reduces this
effect, optimizing click-and-pop suppression.
Supply Bypassing
Proper supply bypassing ensures low-noise, low-distortion
performance. Place a 0.1μF ceramic capacitor in parallel
with a 10μF ceramic capacitor from VCC to GND. Locate
the bypass capacitors as close to the device as possible.
Adding Volume Control
The addition of a digital potentiometer provides simple
volume control. Figure 3 shows the MAX4364/MAX4365
with the MAX5407 log taper digital potentiometer used
as an input attenuator. Connect the high terminal of the
MAX5407 to the audio input, the low terminal to ground
and the wiper to CIN. Setting the wiper to the top position
passes the audio signal unattenuated. Setting the wiper to
the lowest position fully attenuates the input.
Layout Considerations
Good layout improves performance by decreasing the
amount of stray capacitance and noise at the ampli-
fier’s inputs and outputs. Decrease stray capacitance by
minimizing PC board trace lengths, using surface-mount
components and placing external components as close to
the device as possible. Also refer to the Power Dissipation
section for heatsinking considerations.
Figure 3. MAX4364/MAX4365 and MAX5160 Volume Control
Circuit
Chip Information
PROCESS: BiCMOS
Pin Configurations
OUT+
AUDIO
INPUT
OUT-
IN-
1 H
W 3
CIN
RF
RIN
4 L
MAX4364
MAX4365
MAX5407
MAX
TDFN
2
7
SHDN
IN+
8
OUT-
1
1
2
3
4
8
7
6
5
BIAS
+
VCC
GND
3
6
OUT+
SHDN
OUT-
VCC OUT+
IN-
IN+
BIAS
GND IN-
EP*
*CONNECT EP TO GND.
+
4
5
MAX4365
MAX4364
MAX4365
VCC
OUT+
IN-
1
2
8
7
OUT-
+
GND
BIAS
IN+
SHDN
SO
TOP VIEW
3
4
6
5
MAX4364
MAX4364/MAX4365
1.4W and 1W, Ultra-Small, Audio Power
Amplifiers with Shutdown
www.maximintegrated.com
Maxim Integrated │ 12



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com