Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MAX4364ESA/V+T Datasheet(PDF) 7 Page - Analog Devices

Part # MAX4364ESA/V+T
Description  1.4W and 1W, Ultra-Small, Audio Power Amplifiers with Shutdown
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

MAX4364ESA/V+T Datasheet(HTML) 7 Page - Analog Devices

Back Button MAX4364ESA/V+T Datasheet HTML 3Page - Analog Devices MAX4364ESA/V+T Datasheet HTML 4Page - Analog Devices MAX4364ESA/V+T Datasheet HTML 5Page - Analog Devices MAX4364ESA/V+T Datasheet HTML 6Page - Analog Devices MAX4364ESA/V+T Datasheet HTML 7Page - Analog Devices MAX4364ESA/V+T Datasheet HTML 8Page - Analog Devices MAX4364ESA/V+T Datasheet HTML 9Page - Analog Devices MAX4364ESA/V+T Datasheet HTML 10Page - Analog Devices MAX4364ESA/V+T Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 14 page
background image
(VCC = 5V, THD+N measurement bandwidth = 22Hz to 22kHz, TA = +25°C, unless otherwise noted.)
Typical Operating Characteristics (continued)
OUTPUT POWER (mW)
725
600
500
400
325
250
200
125
0.01
0.1
1
10
100
0.001
0
800 1000
VCC = 3V
AV = 2V/V
RL = 8Ω
20kHz
20Hz
1kHz
MAX4365
TOTAL HARMONIC DISTORTION
PLUS NOISE vs. OUTPUT POWER
OUTPUT POWER (mW)
725
600
500
400
325
250
200
125
0.01
0.1
1
10
100
0.001
0
850 1000
VCC = 3V
AV = 4V/V
RL = 8Ω
20kHz
20Hz
1kHz
MAX4365
TOTAL HARMONIC DISTORTION
PLUS NOISE vs. OUTPUT POWER
MAX4365
OUTPUT POWER vs. SUPPLY VOLTAGE
SUPPLY VOLTAGE (V)
4.8
4.1
3.4
500
1000
1500
2000
2500
0
2.7
5.5
RL = 8Ω
fIN = 1kHz
1% THD+N
10% THD+N
MAX4365
OUTPUT POWER vs. LOAD RESISTANCE
LOAD RESISTANCE (Ω)
30
20
10
200
400
600
800
1000
1200
0
0
50
40
VCC = 5V
fIN = 1kHz
MAX4365
OUTPUT POWER vs. LOAD RESISTANCE
LOAD RESISTANCE (Ω)
30
20
10
400
600
800
1000
1200
0
0
50
10% THD+N
1% THD+N
40
VCC = 3V
fIN = 1kHz
200
MAX4365
POWER DISSIPATION vs. OUTPUT POWER
OUTPUT POWER (mW)
900
600
300
200
400
600
800
0
0
1500
1200
VCC = 5V
RL = 8Ω
fIN = 1kHz
MAX4365
POWER DISSIPATION vs. OUTPUT POWER
OUTPUT POWER (mW)
300
200
100
50
100
150
200
250
0
0
500
400
VCC = 3V
RL = 8Ω
fIN = 1kHz
MAX4365
SUPPLY CURRENT vs. SUPPLY VOLTAGE
SUPPLY VOLTAGE (V)
4.1
3.4
4
5
6
7
3
2.7
5.5
4.8
MAX4365
SUPPLY CURRENT vs. TEMPERATURE
TEMPERATURE (°C)
35
10
-15
4
5
6
7
3
-40
85
60
VCC = 5V
MAX4364/MAX4365
1.4W and 1W, Ultra-Small, Audio Power
Amplifiers with Shutdown
Maxim Integrated │ 7
www.maximintegrated.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com