Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MAX4364ESA/V+T Datasheet(PDF) 11 Page - Analog Devices

Part # MAX4364ESA/V+T
Description  1.4W and 1W, Ultra-Small, Audio Power Amplifiers with Shutdown
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

MAX4364ESA/V+T Datasheet(HTML) 11 Page - Analog Devices

Back Button MAX4364ESA/V+T Datasheet HTML 6Page - Analog Devices MAX4364ESA/V+T Datasheet HTML 7Page - Analog Devices MAX4364ESA/V+T Datasheet HTML 8Page - Analog Devices MAX4364ESA/V+T Datasheet HTML 9Page - Analog Devices MAX4364ESA/V+T Datasheet HTML 10Page - Analog Devices MAX4364ESA/V+T Datasheet HTML 11Page - Analog Devices MAX4364ESA/V+T Datasheet HTML 12Page - Analog Devices MAX4364ESA/V+T Datasheet HTML 13Page - Analog Devices MAX4364ESA/V+T Datasheet HTML 14Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 11 / 14 page
background image
cients, such as tantalum or aluminum electrolyt-
ic. Capacitors with high-voltage coefficients, such as
ceramics, may result in an increase distortion at low
frequencies.
Other considerations when designing the input filter
include the constraints of the overall system, the actual
frequency band of interest and click-and-pop suppression.
Although high-fidelity audio calls for a flat gain response
between 20Hz and 20kHz, portable voicereproduction
devices such as cellular phones and twoway radios need
only concentrate on the frequency range of the spoken
human voice (typically 300Hz to 3.5kHz). In addition,
speakers used in portable devices typically have a poor
response below 150Hz. Taking these two factors into con-
sideration, the input filter may not need to be designed for
a 20Hz to 20kHz response, saving both board space and
cost due to the use of smaller capacitors.
BIAS Capacitor
The BIAS bypass capacitor, CBIAS, improves PSRR and
THD+N by reducing power-supply noise at the com-
monmode bias node, and serves as the primary click-
andpop suppression mechanism. CBIAS is fed from an
internal 25kΩ source, and controls the rate at which the
common-mode bias voltage rises at startup and falls dur-
ing shutdown. For optimum click-and-pop suppression,
ensure that the input capacitor (CIN) is fully charged (ten
time constants) before CBIAS. The value of CBIAS for best
click-and-pop suppression is given by:
IN IN
BIAS
CR
C
10
25k
≥
Ω
In addition, a larger CBIAS value yields higher PSRR.
Figure 2. High-Gain Configuration
Table 1. Efficiency in a 5V, 8Ω BTL System
VCC
VCC
CIN
RIN
RF
CF
CBIAS
6
OUT-
IN+
BIAS
AUDIO INPUT
3
2
CLICKLESS/
POPLESS
SHUTDOWN
CONTROL
GND
SHDN
8
OUT+ 5
7
1
MAX4364
MAX4365
50kΩ
50kΩ
10kΩ
10kΩ
IN-
4
OUTPUT
POWER (W)
INTERNAL POWER
DISSIPATION (W)
EFFICIENCY (%)
0.25
0.55
31.4
0.50
0.63
44.4
0.75
0.63
54.4
1.00
0.59
62.8
1.25
0.53
70.2
1.40
0.48
74.3
MAX4364/MAX4365
1.4W and 1W, Ultra-Small, Audio Power
Amplifiers with Shutdown
www.maximintegrated.com
Maxim Integrated │ 11



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com