Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MAX4364ESA/V+T Datasheet(PDF) 5 Page - Analog Devices

Part # MAX4364ESA/V+T
Description  1.4W and 1W, Ultra-Small, Audio Power Amplifiers with Shutdown
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

MAX4364ESA/V+T Datasheet(HTML) 5 Page - Analog Devices

  MAX4364ESA/V+T Datasheet HTML 1Page - Analog Devices MAX4364ESA/V+T Datasheet HTML 2Page - Analog Devices MAX4364ESA/V+T Datasheet HTML 3Page - Analog Devices MAX4364ESA/V+T Datasheet HTML 4Page - Analog Devices MAX4364ESA/V+T Datasheet HTML 5Page - Analog Devices MAX4364ESA/V+T Datasheet HTML 6Page - Analog Devices MAX4364ESA/V+T Datasheet HTML 7Page - Analog Devices MAX4364ESA/V+T Datasheet HTML 8Page - Analog Devices MAX4364ESA/V+T Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 14 page
background image
(VCC = 5V, THD+N measurement bandwidth = 22Hz to 22kHz, TA = +25°C, unless otherwise noted.)
Typical Operating Characteristics (continued)
1650
1000
520
200
40
0.01
0.1
1
10
100
0.001
0
2440
OUTPUT POWER (mW)
VCC = 3V
AV = 4V/V
RL = 8Ω
20kHz
20Hz
1kHz
MAX4364
TOTAL HARMONIC DISTORTION
PLUS NOISE vs. OUTPUT POWER
MAX4364
OUTPUT POWER vs. SUPPLY VOLTAGE
SUPPLY VOLTAGE (V)
4.8
4.1
3.4
500
1000
1500
2000
2500
0
2.7
5.5
RL = 8Ω
fIN = 1kHz
1% THD+N
10% THD+N
MAX4364
OUTPUT POWER vs. LOAD RESISTANCE
LOAD RESISTANCE (Ω)
30
20
10
600
1200
1800
2400
3000
0
0
50
40
VCC = 5V
fIN = 1kHz
10% THD+N
1% THD+N
MAX4364
OUTPUT POWER vs. LOAD RESISTANCE
LOAD RESISTANCE (Ω)
30
20
10
200
400
800
1000
1200
0
0
50
40
600
VCC = 3V
fIN = 1kHz
10% THD+N
1% THD+N
MAX4364
POWER DISSIPATION vs. OUTPUT POWER
OUTPUT POWER (mW)
900
600
300
70
210
490
630
700
0
0
1500
1200
VCC = 5V
fIN = 1kHz
RL = 8Ω
350
140
280
560
420
MAX4364
POWER DISSIPATION vs. OUTPUT POWER
OUTPUT POWER (mW)
300
200
100
30
90
210
270
300
0
0
500
400
VCC = 3V
fIN = 1kHz
RL = 8Ω
150
60
120
240
180
MAX4364
SUPPLY CURRENT vs. SUPPLY VOLTAGE
SUPPLY VOLTAGE (V)
4.8
4.1
3.4
6.5
7.0
7.5
8.0
9.0
6.0
2.7
5.5
8.5
MAX4364
SUPPLY CURRENT vs. TEMPERATURE
TEMPERATURE (°C)
35
10
-15
6
7
8
9
10
5
-40
85
60
VCC = 5V
MAX4364
SHUTDOWN SUPPLY CURRENT
vs. SUPPLY VOLTAGE
SUPPLY VOLTAGE (V)
4.8
4.1
3.4
2
4
6
8
12
0
2.7
5.5
10
MAX4364/MAX4365
1.4W and 1W, Ultra-Small, Audio Power
Amplifiers with Shutdown
Maxim Integrated │ 5
www.maximintegrated.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com