Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

TLE4963-2M Datasheet(PDF) 28 Page - Infineon Technologies AG

Part # TLE4963-2M
Description  Sensor solutions for automotive, industrial and consumer applications
PDF  91 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE4963-2M Datasheet(HTML) 28 Page - Infineon Technologies AG

Back Button TLE4963-2M Datasheet HTML 24Page - Infineon Technologies AG TLE4963-2M Datasheet HTML 25Page - Infineon Technologies AG TLE4963-2M Datasheet HTML 26Page - Infineon Technologies AG TLE4963-2M Datasheet HTML 27Page - Infineon Technologies AG TLE4963-2M Datasheet HTML 28Page - Infineon Technologies AG TLE4963-2M Datasheet HTML 29Page - Infineon Technologies AG TLE4963-2M Datasheet HTML 30Page - Infineon Technologies AG TLE4963-2M Datasheet HTML 31Page - Infineon Technologies AG TLE4963-2M Datasheet HTML 32Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 91 page
background image
28
Hall switches
Hall switches
Broadest energy saving portfolio of high precision Hall switches
for automotive, industrial and consumer applications
TLE/TLI/TLV4961/64/68
Energy-efficient Hall switch family for up to 32 V
The TLE/TLI/TLV496x-xM/L family of Hall switches saves
energy and enables designers to create precise and compact
systems. With an operational current consumption of just
1.6 mA, TLE/TLI/TLV496x-xM/L products can cut energy con-
sumption by up to 50 percent, compared with similar com-
petitor products. Thanks to its small magnetic hysteresis,
the family paves the way for precise switching points in
systems. The integrated temperature profile compensates
magnetic drifts and enables stable performance over tem-
perature and lifetime.
TLE/TLI/TLV496x-xM products come in the smallest SOT23
package, thus reducing height by 10 percent compared with
predecessor products. The sensors also feature an integrat-
ed functionality test for better system control.
Features
› Current consumption of just 1.6 mA
› 3 to 32 V supply voltage range (over voltage up to 42 V)
› 7 kV ESD protection (HBM)
› Overtemperature and overcurrent protection
› Temperature compensation
› Smallest SOT23 package
› Dedicated products for industrial applications (TLI496x)
and consumer applications (TLV496x)
› AEC-Q100 qualified
Applications
› Window lifter
› Power closing
› Gear stick
› Seat belt
› BLDC commutation
(e.g. wiper, seat belt pretensioner, pump, seating)
› Service robots
› Power tools
› White goods
HS3
HS1
HS2
HS3
HS2
HS1
[°]
S
N
Angle
www.infineon.com/hall-switches
Product
Type
Operating point
BOP [mT]
Release point
BRP [mT]
Hysteresis
ΔBHY [mT]
Automotive
Industrial
Consumer Package
TLE4961-1M/L
Latch
2.0
-2.0
4.0
l
l
l
SOT23/SSO-3-2
TLE4961-2M
Latch
5.0
-5.0
10.0
l
l
l
SOT23
TLE4961-3M/L
Latch
7.5
-7.5
15.0
l
l
l
SOT23/SSO-3-2
TLE4961-4M
Latch
10.0
-10.0
20.0
l
l
l
SOT23
TLE4961-5M
Latch
15.0
-15.0
30.0
l
l
l
SOT23
TLE4964-1M
Switch
18.0
12.5
5.5
l
l
l
SOT23
TLE4964-2M
Switch
28.0
22.5
5.5
l
l
l
SOT23
TLE4964-3M
Switch
12.5
9.5
3.0
l
l
l
SOT23
TLE4964-4M
Switch
10.0
8.5
1.5
l
l
l
SOT23
TLE4964-6M
Switch
3.5
2.5
1.0
l
l
l
SOT23
TLE4964-5M
Switch
7.5
5.0
2.5
l
l
l
SOT23
TLE4968-1M/L
Bipolar
1.0
-1.0
2.0
l
l
l
SOT23/SSO-3-2
TLI4961-1M/L
Latch
2.0
-2.0
4.0
–
l
l
SOT23/SSO-3-2
TLV4961-1M
Latch
2.0
-2.0
4.0
–
–
l
SOT23
TLV4961-3M
Latch
7.5
-7.0
15.0
–
–
l
SOT23
TLV4964-1M
Switch
18.0
12.5
5.5
–
–
l
SOT23
TLV4964-2M
Switch
28.0
22.5
5.5
–
–
l
SOT23



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com