Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

TLE4963-2M Datasheet(PDF) 51 Page - Infineon Technologies AG

Part # TLE4963-2M
Description  Sensor solutions for automotive, industrial and consumer applications
PDF  91 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE4963-2M Datasheet(HTML) 51 Page - Infineon Technologies AG

Back Button TLE4963-2M Datasheet HTML 47Page - Infineon Technologies AG TLE4963-2M Datasheet HTML 48Page - Infineon Technologies AG TLE4963-2M Datasheet HTML 49Page - Infineon Technologies AG TLE4963-2M Datasheet HTML 50Page - Infineon Technologies AG TLE4963-2M Datasheet HTML 51Page - Infineon Technologies AG TLE4963-2M Datasheet HTML 52Page - Infineon Technologies AG TLE4963-2M Datasheet HTML 53Page - Infineon Technologies AG TLE4963-2M Datasheet HTML 54Page - Infineon Technologies AG TLE4963-2M Datasheet HTML 55Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 51 / 91 page
background image
51
www.infineon.com/speed-sensors
TLE4953C
The two-wire transmission speed sensor
TLE4955(C)
Leading the way in vibration robustness
The differential Hall sensor TLE4953C can detect direction and was developed specifically to
meet the needs of high-end transmission applications. Its jitter performance and high sensi-
tivity enables designers to create high-accuracy systems with excellent vibration suppression.
Adaptive hysteresis and the dynamic self-calibration algorithm ensure outstanding measure-
ment results with both fine and coarse target wheels. As with other Infineon speed sensors, the
south and north poles can be pre-inducted. TLE4953 features a current interface and comes in
a two-wire package with an integrated 1.8 nF overmolded capacitor for improved EMC.
TLE4955 is a new family of differential Hall sensors specifically designed to meet the latest
requirements in transmission vibration suppression. It provides best-in-class vibration
suppression for applications, that require a two-wire current interface. The TLE4955 family
provides a similar algorithm plus dynamic self-calibration, jitter and sensitivity levels as
our proven TLE4953, thus ensuring accurate speed measurements in the harshest of envi-
ronments for both fine and coarse target wheels.
Designers can choose different interface protocol versions.
Features
› Detection of rotation direction
› Highly accurate speed measurements from zero to
12 kHz over large operating air-gaps
› Excellent vibration suppression
› Broad operating temperature range
› AEC-Q100 qualified
Applications
› Automatic transmission systems
› Industrial speed sensing using
current sensor interfaces
Features
› Detection of rotation direction
› Best-in-class vibration suppression
› Highly accurate speed measurements from zero
to 12 kHz over large operating air-gaps
› Broad operating temperature range
– Four different interface protocols
› AEC-Q100 qualified
Applications
› Automatic transmission
systems
› Industrial speed sensing using
current sensor interfaces
Magnetic speed sensors



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com