Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

TLE4963-2M Datasheet(PDF) 58 Page - Infineon Technologies AG

Part # TLE4963-2M
Description  Sensor solutions for automotive, industrial and consumer applications
PDF  91 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE4963-2M Datasheet(HTML) 58 Page - Infineon Technologies AG

Back Button TLE4963-2M Datasheet HTML 54Page - Infineon Technologies AG TLE4963-2M Datasheet HTML 55Page - Infineon Technologies AG TLE4963-2M Datasheet HTML 56Page - Infineon Technologies AG TLE4963-2M Datasheet HTML 57Page - Infineon Technologies AG TLE4963-2M Datasheet HTML 58Page - Infineon Technologies AG TLE4963-2M Datasheet HTML 59Page - Infineon Technologies AG TLE4963-2M Datasheet HTML 60Page - Infineon Technologies AG TLE4963-2M Datasheet HTML 61Page - Infineon Technologies AG TLE4963-2M Datasheet HTML 62Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 58 / 91 page
background image
58
Absolute pressure sensors
(MAP and BAP)
Pressure
cells
Voltage
regulator
Analog
Digital
Normal mode/
diagnosis mode
E2PROM
interface
E2PROM
Temperature
compensation
ROM
Reset
VDDA
MUX
Digital
signal
processing
Buer amplifier
(interface driver)
NTC conditioning
ADC
Digital
core
(iSM)
SPI
interface
VDD
NTCIN
NCS
CLK
SDI
SDO
GND
SENTOUT
VDDD
KP276 – Media robust MAP sensor with digital interface
Features
› Media robustness for current automotive requirements
› Digital single edge nibble transmission (SENT) interface (282 clock ticks)
› Excellent accuracy of ±0.77 percent FSS
› Green SMD package
› Temperature range -40 to +170°C (170°C for 20 min. max., 150°C operating)
› Integrated NTC temperature sensor functionality with fast start up time (typ. 10ms)
Block diagram
Integrated pressure sensor ICs for manifold and barometric air pressure
Product
Max. accuracy [kPa] Max. operating temperature [°C]
Automotive
Industrial
ISO 26262
Pressure range [kPa]
KP21x1)
1.0
140
l
l
–
10 ... 150
KP22x1)
2.5
140
l
l
–
10 ... 400
KP23x1)
1.0
125
l
l
–
15 ... 115
KP236N6165 1.0
125
l
l
–
60 ... 165
KP253
1.0
125
l
l
Ready
60 ... 165
KP254
1.5
125
l
l
Ready
40 ... 115
KP2551)
1.4
140
l
l
Ready
10 ... 125
KP256
1.0
125
l
l
Ready
60 ... 165
KP2642)
1.5
125
l
l
Ready
40...115
KP2761)
3.0
170
l
l
Ready
10 ... 400
1) For more information on the product, contact our product support
2) Package with small 4-hole lid
www.infineon.com/pressure
KP25x/KP264 – Digital barometric air pressure (BAP) sensor IC family
Features
› Absolute air pressure measurement
› Excellentaccuracyof1.0kPaoveralargetemperaturerange
› Real 10-bit pressure resolution
› Integrated temperature sensor
› Real 10-bit temperature resolution
› Power-down mode for reduced power consumption
› Self diagnosis features
› Output signal fully compensated across pressure and
temperature range
› Pressure range from 10 to 165 kPa
› Temperature range from -40 to +125°C
› Green SMD package



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com