Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

TLE4963-2M Datasheet(PDF) 69 Page - Infineon Technologies AG

Part # TLE4963-2M
Description  Sensor solutions for automotive, industrial and consumer applications
PDF  91 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE4963-2M Datasheet(HTML) 69 Page - Infineon Technologies AG

Back Button TLE4963-2M Datasheet HTML 65Page - Infineon Technologies AG TLE4963-2M Datasheet HTML 66Page - Infineon Technologies AG TLE4963-2M Datasheet HTML 67Page - Infineon Technologies AG TLE4963-2M Datasheet HTML 68Page - Infineon Technologies AG TLE4963-2M Datasheet HTML 69Page - Infineon Technologies AG TLE4963-2M Datasheet HTML 70Page - Infineon Technologies AG TLE4963-2M Datasheet HTML 71Page - Infineon Technologies AG TLE4963-2M Datasheet HTML 72Page - Infineon Technologies AG TLE4963-2M Datasheet HTML 73Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 69 / 91 page
background image
69
www.infineon.com/rasic
RASIC™ automotive radar 77/79 GHz
Front-end ICs for automotive radars
RXS816xPL – family of single-chip front-end MMICs for
77/79 GHz automotive RADAR
Infineon has been delivering automotive 77GHz radar
products for over 10 years. Infineon’s family of radar
transceiver IC (RASIC™) addresses the needs of 77/79 GHz
radar for all safety-critical applications from automatic
emergency-braking (AEB) to high-resolution radars in auto-
mated driving. It supports fast ramps for precise distance
measurement and simultaneous transmitter operation for
MIMO.
RXS816xPL is a highly integrated device that performs all
functions of a radar front-end in a single device – from
FMCW signal conditioning to generation of digital receive
data output. On-chip sensors for temperature, output
power andmultiplemonitors/supervisory circuits allow for
calibration and monitoring. Programming and Status are
communicated via SPI.
Infineon offers a complete suite of 77/79 GHz radar
chipsets consisting of
› Radar 77/79 GHz RF Millimeter Wave IC family
(RASIC™ RXS816xPL)
› Radar MCU family featuring radar signal processing units
(2nd generation AURIX™ TC3xx)
› Radar system power supply with numerous safety func-
tions (TLF3068x)
› Very compact 3-chip configuration (RXS816xPL+ AURIX™
TC3xx + TLF3068x) for e.g. AEB sensor
Customer benefits:
› One 77/79 GHz radar platform supporting all types of
automotive radar applications
› Scalability by cascading multiple RF MMICs and MCUs
enabling most advanced sensors
› Flexibility through numerous configuration parameters
and on-chip monitoring functions
› ASIL-C support reducing customer R&D efforts
ADAS safety supply
UV-/OV-/ERR-monitoring
window-/Q&A-watchdog
safe state controller
TLF3068x
Tx2
Tx3
RXS816xPL
77/79 GHz
transmitter
receiver
+
PLL + ADCs
+
ADC interface
Y
Tx1
Y
Y
Y
Y
Y
Y
Rx1
Rx4
+12 V from battery
3.3 V
5 V
3.3 V
SPI
77/79 GHz
radar ECU
32-bit MCU
Multicore
AURIX™ 2G
TC3xx
Clk-in
Acquisition
RAM
Clk
Transceiver
CAN FD, FlexRay, Ethernet
SPI
SPI
Serial
Serial
SPU
FFT
Sync
RASIC™ automotive radar
77/79 GHz
77/79 GHz – Product overview
Product
Configuration
Key benefits
Features
RXS816xPL
3Tx4Rx
RXS8161: single-chip versions
RXS8162 and future products: multi-chip versions in
7 x 8.5 mm eWLB package
› Flexible FMCW waveform generation
› Four receive channels featuring integrated filters + AD
converters
› 4 channel LVDS data interface
RXS8156PLA
2Tx4Rx
Cost efficient solution for corner radars in
7 x 7.5 mm eWLB package
Please be aware that 77/79 GHz Radar products are not available via Infineon’s distribution partners.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com