Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

TLE4963-2M Datasheet(PDF) 42 Page - Infineon Technologies AG

Part # TLE4963-2M
Description  Sensor solutions for automotive, industrial and consumer applications
PDF  91 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE4963-2M Datasheet(HTML) 42 Page - Infineon Technologies AG

Back Button TLE4963-2M Datasheet HTML 38Page - Infineon Technologies AG TLE4963-2M Datasheet HTML 39Page - Infineon Technologies AG TLE4963-2M Datasheet HTML 40Page - Infineon Technologies AG TLE4963-2M Datasheet HTML 41Page - Infineon Technologies AG TLE4963-2M Datasheet HTML 42Page - Infineon Technologies AG TLE4963-2M Datasheet HTML 43Page - Infineon Technologies AG TLE4963-2M Datasheet HTML 44Page - Infineon Technologies AG TLE4963-2M Datasheet HTML 45Page - Infineon Technologies AG TLE4963-2M Datasheet HTML 46Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 42 / 91 page
background image
42
www.infineon.com/angle-sensors
iTMR based angle sensors
Tunneling Magneto Resisitive (iTMR) technology is offering high sensing sensitivity with a high output voltage, reducing the
need for an internal amplifier. Thus, the sensor can be connected directly to the microcontroller without any further ampli-
fication. In addition, iTMR technology shows a very low temperature drift, reducing external calibration and compensation
efforts. The iTMR technology is also well known for its low current consumption.
With the TLE5501 products, Infineon is currently launching the first angle sensor
products based on iTMR technology. TLE5501 is available in two versions.
TLE5501 – product versions with different pin out:
› TLE5501 E0001: pin-compatible to TLE5009 automotive qualified acc. AEC-Q100
› TLE5001 E0002: decoupled bridges for redundant external angle calculation and
highest diagnostic coverage, realizing ISO 26262-compliant development ASIL D
Features
› Largeoutputsignalsofupto0.37V/Vfordirectmicrocontrollerconnection
› Discretebridgewithdifferentialsineandcosineoutput
› Verylowsupplycurrent:~2mA
› Magneticfieldrange(20-100mT)
› Typ.angleerror~1.0°(overtemperatureandlifetime)
› DSO-8package
› AEC-Q100,grade0:T
A = -40°C to 150°C (ambient temperature)
› ForTLE5501E0002:
– Reaching ASIL D with just one single sensor chip
– ISO26262-compliant development ASIL D
Applications
› Steering angle sensor
› BLDC motor commutation (e.g. wipers, pumps and actuators)
› Angular position sensing for e.g. robotics or gimbal
› Electric motors
› Industrial automation
› Safety applications
TLE5501
Angle sensors



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com