| Electronic Components Datasheet Search |
|
TLE4963-2M Datasheet(PDF) 15 Page - Infineon Technologies AG |
|
|
|||||||||||||||||||||||||||||
TLE4963-2M Datasheet(HTML) 15 Page - Infineon Technologies AG |
|
15 / 91 page ![]() 15 EPS rotor position sensors The motor, that drives the steering rack in an EPS system is usually a highly efficient brushless DC (BLDC) motor, which relies on a fast and accurate position sensor for commutation. In this application, short latency and high A correct commutation of the EPS motor has to be ensured, in order to avoid a blocked steering or the erratic steering support. This application is also classified in the category of ASIL D. To achieve this high level of functional safety, Infineon offers angle sensors in the dual-sensor package that allow the integration of two redundant sensors in the place of one. The TLE5309D, in particular, meets the highest functional safety requirements by using a combination of AMR (Anisotropic-Magneto-Resistance) and GMR (Giant-Magne- to-Resistance) technology, which not just offers redundan- accuracy are essential, as these sensor parameters have a significant impact on torque stability and the energy efficiency of the motor. cy, but also integrated diversity in a single product. Depending on the overall EPS system architecture, the mo- tor position sensor can be directly mounted on the steering ECU, or connected via a cable in a satellite configuration. The very high level of sensor accuracy required for highest energy efficiency, comparable to the performance of costly resolver solutions, is typically achieved by implementing a continuous calibration algorithm on the steering ECU. By monitoring the sensors output signals and calculating the compensation parameters during operation, this algorithm compensates any drift that occur over temperature and lifetime. Schematic of BLDC motor with a magnetic position sensor for commutation TLE5009A16(D) Fast dual-GMR angle sensor with analog sin/cos output. Available in a 16-pin dual-sensor SMD package. TLE5109A16(D) Fast dual-AMR angle sensor with analog sin/cos output. Available in a 16-pin dual-sensor SMD package. TLE5309D Combined AMR and GMR sensor for integrated diversity, featuring fast analog sin/cos output. Available in a 16-pin dual-sensor SMD package. TLE5012BD Digital GMR angle sensor with SPI + incremental encoder interface or Hall switch emulation output. Available in a 16-pin dual-sensor SMD package. EC-Motor Sensor Magnet Motor control unit Sensors in Electric Power Steering (EPS) www.infineon.com/eps |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |