Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

TLE4963-2M Datasheet(PDF) 59 Page - Infineon Technologies AG

Part # TLE4963-2M
Description  Sensor solutions for automotive, industrial and consumer applications
PDF  91 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE4963-2M Datasheet(HTML) 59 Page - Infineon Technologies AG

Back Button TLE4963-2M Datasheet HTML 55Page - Infineon Technologies AG TLE4963-2M Datasheet HTML 56Page - Infineon Technologies AG TLE4963-2M Datasheet HTML 57Page - Infineon Technologies AG TLE4963-2M Datasheet HTML 58Page - Infineon Technologies AG TLE4963-2M Datasheet HTML 59Page - Infineon Technologies AG TLE4963-2M Datasheet HTML 60Page - Infineon Technologies AG TLE4963-2M Datasheet HTML 61Page - Infineon Technologies AG TLE4963-2M Datasheet HTML 62Page - Infineon Technologies AG TLE4963-2M Datasheet HTML 63Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 59 / 91 page
background image
59
KP200/KP201/KP204
PSI5 PRO-SIL™ ready pressure sensor ICs for side crash detection and
pedestrian protection
Features
› Two-wire interface with on-chip current modulator for
PSI5 communication
› Fully PSI5 compliant with support for multiple modes
› Synchronous or asynchronous data transmission
› EEPROM for unique ID number, calibration and mode selection
› Serial service interface for EEPROM programming
› On-chip voltage regulator
› Reverse polarity protection
› Fully AK-LV29 and AK-LV38 compliant
› Patented online diagnosis for pressure cells and circuitry
› PRO-SIL™ support in line with IEC 61508 and ISO 26262
› Green SMD package
› KP201 qualified for higher operating temperatures
up to 125°C
› KP204with4-holelidsupportinginsectintrusionprotection
1) More information on PRO-SIL™, see page 88
CS
Manchester
current
modulation
Voltage regulator
Sensor cell
Analog digital
converter
Digital signal
processing
Serial interface
CLK Rx
Tx
Memory
› Calibration parameters
› Sensor ID
› Mode selection
Intelligent state machine
› Calibration
› Protocol generation
1)
Side Crash Detection (SAB)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com