Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

TLE4963-2M Datasheet(PDF) 54 Page - Infineon Technologies AG

Part # TLE4963-2M
Description  Sensor solutions for automotive, industrial and consumer applications
PDF  91 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE4963-2M Datasheet(HTML) 54 Page - Infineon Technologies AG

Back Button TLE4963-2M Datasheet HTML 50Page - Infineon Technologies AG TLE4963-2M Datasheet HTML 51Page - Infineon Technologies AG TLE4963-2M Datasheet HTML 52Page - Infineon Technologies AG TLE4963-2M Datasheet HTML 53Page - Infineon Technologies AG TLE4963-2M Datasheet HTML 54Page - Infineon Technologies AG TLE4963-2M Datasheet HTML 55Page - Infineon Technologies AG TLE4963-2M Datasheet HTML 56Page - Infineon Technologies AG TLE4963-2M Datasheet HTML 57Page - Infineon Technologies AG TLE4963-2M Datasheet HTML 58Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 54 / 91 page
background image
54
Icon/
Description
TLE4921
TLE4922
TLE4929
TLE4941
TLE4941plusC
TLE4942
TLE4943
TLE4953
TLE4955
TLE4959
TLE4988
TLE5028C
TLE5041plusC
TLE5045
TLE5046
Automotive
Wheelspeed
–
l
–
l
l
l
l
–
–
–
–
–
l
l
l
Wheelspeed/
Transmission
–
–
–
l
l
l
–
–
–
–
–
–
–
–
–
Transmission
l
l
–
l
l
l
–
l
l
l
–
–
–
–
–
Transmission/
Engine
l
–
–
–
–
–
–
–
–
–
–
–
–
–
–
Engine
l
l
l
–
–
–
–
–
–
–
l
l
–
–
–
Industrial
l
l
l
–
l
–
–
–
–
–
–
–
–
–
–
Sensor technology
Diff. Hall
Mono-Hall
Diff. Hall
Diff. Hall
Diff. Hall
Diff. Hall
Diff. Hall
Diff. Hall
Diff. Hall
Diff. Hall
Mono-Hall
iGMR
iGMR
iGMR
iGMR
Improved air-gap/jitter
performance
–
–
l
–
–
–
–
–
–
l
l
l
l
l
l
Direction information
available
–
–
l
–
–
l
l
l
l
– / l3)
–
l
–
–
l
True Power On (TPO)
–
–
–
–
–
–
–
–
–
–
l
–
–
–
–
Twist-
Independent
Mounting (TIM)
–
l
–
–
–
–
–
–
–
–
l
–
–
–
–
Vibration suppression
algorithm included
–
–
l
–
–
–
–
l
l
l
–
–
–
–
–
Type of hysteresis1)
V
H
H/V
H
H
H
H
V
V
V
V/H
H
H
H
H
F
A
A/F
F
F
F
A
A
A
A
P/A
A
F
A
A
Interface2)
# of pins
4
4
3
2
2
2
2
2
2
3/4
3
3
2
2
2
Interface
V
V
V
C
C
C
C
C
C
V
V
V
C
C
C
Protocol
S
S
S/P
S
S
P
AK
P
P
P
S
P
S
S
P/AK
Electrostatic Discharge (ESD) Human Body
Model (HBM)
2 kV
3 kV
6 kV
12 kV
12 kV
12 kV
12 kV
12 kV
12 kV
6 kV
6 kV
6 kV
12 kV
12 kV
12 kV
Package without
integrated capacitor
l
l
–
l
–
–
–
l
l
l
–
–
–
l
l
Package with
integrated capacitor
–
–
l
–
l
l
l
l
l
l
l
l
l
–
–
1) H = Hidden; V = Visible; F = Fixed; A = Adaptive; P = Programmable
2) AK = AK protocol; C = Current; V = Voltage interface; S = Single pulse; P = PWM protocol
3) Depending on derivative
Magnetic speed sensors – overview
www.infineon.com/speed-sensors
Magnetic speed sensors



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com