Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

TLE4963-2M Datasheet(PDF) 53 Page - Infineon Technologies AG

Part # TLE4963-2M
Description  Sensor solutions for automotive, industrial and consumer applications
PDF  91 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE4963-2M Datasheet(HTML) 53 Page - Infineon Technologies AG

Back Button TLE4963-2M Datasheet HTML 49Page - Infineon Technologies AG TLE4963-2M Datasheet HTML 50Page - Infineon Technologies AG TLE4963-2M Datasheet HTML 51Page - Infineon Technologies AG TLE4963-2M Datasheet HTML 52Page - Infineon Technologies AG TLE4963-2M Datasheet HTML 53Page - Infineon Technologies AG TLE4963-2M Datasheet HTML 54Page - Infineon Technologies AG TLE4963-2M Datasheet HTML 55Page - Infineon Technologies AG TLE4963-2M Datasheet HTML 56Page - Infineon Technologies AG TLE4963-2M Datasheet HTML 57Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 53 / 91 page
background image
53
www.infineon.com/speed-sensors
TLE5028C
iGMR-based speed sensor
TLE5028C is our 2nd generation Crank speed sensor solution based on Giant Magneto
Resistive (iGMR) technology. It provides a higher air-gap and greatly reduced jitter over
frequency and temperature performance. All of which puts it ahead of other magnetic
sensing technologies and makes it the preferred solution for high-accuracy powertrain
speed sensor systems – both today and in the future. TLE5028C can detect the rotation
direction of a wheel and transmits this information during the first output pulse, making
it the perfect fit for the latest engine systems that use a start-stop feature as well as for
automatic transmission applications in the automotive sector. It´s improved robustness
against ESD and EMC answers to the challenges of harsh high power environments typically
present in hybrid systems. TLE5028C is available in our well-established, module-style
package with integrated capacitors. It uses a three-wire digital voltage interface (PWM).
Features
› Outstanding jitter performance thanks to giant magneto resistive technology
› High sensitivity (B
min < 1 mT) and large air-gap capability
› Detection and transmission of rotation direction during the first output pulse
› Three-wire digital voltage interface (PWM)
› Large frequency range
› Broad operating temperature range
› AEC-Q100 qualified
› Improved EMC and ESD immunity
Applications
› Automatic transmission
systems
› Engine speed (crankshaft)
Magnetic speed sensors
TLE4988C
Reduced dependence on rare-earth backbias magnets thanks to advanced performance
The Infineon XENSIV™ TLE4988C products feature advanced camshaft sensing performance and
improved application adaption. One major benefit of the advanced sensor performance is the re-
duced dependence from rare-earth backbias magnets for module manufacturers. The TLE4988C
has proven right performance with a ferrite backbias magnet for all relevant parameters such as
phase jitter, phase accuracy or speed effect across key temperature, air gap and rpm ranges.
Features
› Digital output signal (voltage interface)
› True Power On functionality (TPO)
› Auto TPO – automatic in car calibration
› Improved switching level/phase accuracy
› TC range including ferrite
› High speed digital interface for diagnosis / test
› Twisted Independent Mounting (TIM)
› EEPROM for algorithm options and ID (on request)
› Increased ESD and EMC immunity, improved µCut feature
› Digital magnet temperature compensation
› Mechanical stress compensation
› Module package PG-SSO-3-5
Applications
› Camshaft speed and position
sensing



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com