| Electronic Components Datasheet Search |
|
MAXQ3180-RAN+ Datasheet(PDF) 8 Page - Maxim Integrated Products |
|
|
|||||||||||||||||||||||||||||
MAXQ3180-RAN+ Datasheet(HTML) 8 Page - Maxim Integrated Products |
|
8 / 48 page ![]() Low-Power, Multifunction, Polyphase AFE 8 _______________________________________________________________________________________ POWER-ON RESET CLEAR EXTCLK = 0 DRIVE RESET LOW INITIALIZATION MODE SET NOINIT = 1, DRIVE IRQ LOW CLEAR ALL REGISTERS TO DEFAULT STATES CLEAR LOWPM = 0 HARDWARE RESET SOFTWARE RESET CLEAR NOINIT = 0 LPMM (LOWPM = 1) NORMAL (LOWPM = 0) POWER MODE? LOW-POWER MEASUREMENT MODE RUN MODE STOP MODE CLEAR LOWPM = 0 SET LOWPM = 1 SET STOPM = 1 MASTER DRIVES SSEL LOW SET STOPM = 1 SET RST = 1 SET RST = 1 POWER-ON RESET EXTERNAL RESET INDICATES THAT COMMANDS FROM THE MASTER CAN BE RECEIVED IN THIS MODE. Figure 1. Operating Modes return to a high state, the MAXQ3180 comes out of reset and goes into Initialization Mode. All registers are cleared to their default states when exiting Stop Mode in this manner. • External Interrupt. Driving the SSEL pin low causes the MAXQ3180 to exit Stop Mode without undergoing a reset cycle. When exiting Stop Mode in this man- ner, all register and configuration settings are retained, and the MAXQ3180 automatically resumes electric-metering functions and sample processing. Note that when the master is communicating with the MAXQ3180, the SSEL line is normally driven low at the beginning of each SPI command. This means that if the master sends an SPI command after the MAXQ3180 enters Stop Mode, the MAXQ3180 automatically exits Stop Mode and receives the command. |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |