| Electronic Components Datasheet Search |
|
MAXQ3180-RAN+ Datasheet(PDF) 10 Page - Maxim Integrated Products |
|
|
|||||||||||||||||||||||||||||
MAXQ3180-RAN+ Datasheet(HTML) 10 Page - Maxim Integrated Products |
|
10 / 48 page ![]() error of some kind causes the MAXQ3180 to lock up or enter an endless execution loop, the watchdog timer expires and triggers an automatic hardware reset. There is no register flag to indicate to the master that a watch- dog reset has occurred, but the RESET line strobes low briefly. Because the reset causes the MAXQ3180 to re- enter Initialization Mode, the IRQ line drops low. The watchdog timer does not run during Stop Mode. Software Reset A software reset is initiated by the master by setting the RST (STATUS0.4) bit to 1. When a software reset occurs, the MAXQ3180 clears all registers to their default states and returns to Initialization Mode, in the same manner as if an external reset had taken place. Unlike a hardware reset, however, a software reset does not cause the MAXQ3180 to drive the RESET line low. Power-Supply Monitoring In addition to the hardware reset provided by the power-on reset and brownout reset circuits, the MAXQ3180 includes the capability to detect a low power supply on the DVDD pin and alert the master through the interrupt (IRQ) mechanism before a hard- ware reset occurs. This function, which is always enabled outside of Stop Mode, causes the RAM status register flag PWRF (STATUS1.1) to be set to 1 whenev- er DVDD drops below the VPFW trip point. Once PWRF has been set to 1 by hardware, it can only be cleared by the master (or by a system reset). Whenever PWRF = 1, if the EPWRF interrupt masking bit is also set to 1, the MAXQ3180 drives IRQ low to signal to the master that an interrupt condition (in this case, a power-fail warning) exists and requires attention. Low-Power, Multifunction, Polyphase AFE 10 ______________________________________________________________________________________ tPOR VRST1 BROWNOUT DETECTION BROWNOUT DETECTION (ALWAYS ENABLED OUTSIDE OF STOP MODE) FORCES RESET STATE. POR = 1 BROWNOUT DETECTION DISABLED DURING STOP MODE. NO RESET IS GENERATED. BROWNOUT DETECTION DISABLED. POR LEVEL CAUSES RESET. VPOR INTERNAL RESET STOP MODE Figure 3. Brownout Reset |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |