Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MAXQ3180-RAN+ Datasheet(PDF) 41 Page - Maxim Integrated Products

Part # MAXQ3180-RAN+
Description  Low-Power, Multifunction, Polyphase AFE
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAXQ3180-RAN+ Datasheet(HTML) 41 Page - Maxim Integrated Products

Back Button MAXQ3180-RAN+ Datasheet HTML 37Page - Maxim Integrated Products MAXQ3180-RAN+ Datasheet HTML 38Page - Maxim Integrated Products MAXQ3180-RAN+ Datasheet HTML 39Page - Maxim Integrated Products MAXQ3180-RAN+ Datasheet HTML 40Page - Maxim Integrated Products MAXQ3180-RAN+ Datasheet HTML 41Page - Maxim Integrated Products MAXQ3180-RAN+ Datasheet HTML 42Page - Maxim Integrated Products MAXQ3180-RAN+ Datasheet HTML 43Page - Maxim Integrated Products MAXQ3180-RAN+ Datasheet HTML 44Page - Maxim Integrated Products MAXQ3180-RAN+ Datasheet HTML 45Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 48 page
background image
Low-Power, Multifunction, Polyphase AFE
______________________________________________________________________________________
41
Table 12. Meter Unit Definitions
REGISTER OR
ACCUMULATOR
RAM ADDRESS
(BYTE)
LENGTH AND
FORMAT
METER UNIT
(1 LSB)
DEFAULT METER
UNIT
(1 LSB)
DEFAULT MAX
LEVEL OR
ACCUMULATOR
CAPACITY
Raw IRMS Sample
402, 642, 882,
996
32-bit unsigned
IFS/230
93.13nA
400A
Raw VRMS Sample
406, 646, 886
32-bit unsigned
VFS/230
0.5076μV
2180V
Raw IH Sample
410, 650, 890,
1000
32-bit unsigned
IFS x tFR/214
0.3391nAh
1.456Ah
Raw Act, Rea, App
as Energy Sample
414, 418, 422,
654, 658, 662,
894, 898, 902
32-bit signed
(act, rea),
unsigned (app)
IFS x VFS x tFR/218
11.55nWh
49.61Wh unsigned,
24.80Wh signed
Raw Act, Rea, App
as Power Sample
414, 418, 422,
654, 658, 662,
894, 898, 902
32-bit signed
(act, rea),
unsigned (app)
IFS x VFS/(NS x 218)
2.079mW
8.929MW unsigned,
4.465MW signed
Hidden Energy
Accumulators
System
32-bit unsigned
IFS x VFS x tFR/218
11.55nWh
49.61Wh
Hidden Ah
Accumulators
System
32-bit unsigned
IFS x tFR/214
0.3391nAh
1.456Ah
KWHT
40
32-bit unsigned
IFS x VFS x tFR/218
11.55nWh
49.61Wh
KAHT
44
32-bit unsigned
IFS x tFR/214
0.3391nAh
1.456Ah
THR1, THR2 (when
pulse output energy)
52, 56
32-bit unsigned
IFS x VFS x tFR/218
11.55nWh
49.61Wh
THR1, THR2 (when
pulse output Ah)
52, 56
32-bit unsigned
IFS x tFR/214
0.3391nAh
1.456Ah
THR1, THR2 (when
pulse output IRMS)
52, 56
32-bit unsigned
IFS/230
93.13nA
400A
THR1, THR2 (when
pulse output VRMS)
52, 56
32-bit unsigned
VFS/230
0.5076 V
2180V
IPK
264, 504, 744
16-bit unsigned
IFS/214
6.104mA
400A
VPK
266, 506, 746
16-bit unsigned
VFS/214
33.26mV
2180V
OCLVL
112
16-bit unsigned
IFS/214
6.104mA
400A
OVLVL
114
16-bit unsigned
VFS/214
33.26mV
2180V
SAGLVL
116
16-bit unsigned
VFS/214
33.26mV
2180V
IUBLVL
118
16-bit unsigned
IFS/214
6.104mA
400A
VUBLVL
120
16-bit unsigned
VFS/214
33.26mV
2180V
NZC_TIMO
122
16-bit unsigned
tFR
200μs
13.12s
REV_TIMO
124
16-bit unsigned
tFR x NS
0.02s
21.85 minutes
ACC_TIMO
126
16-bit unsigned
tFR x NS
0.02s
21.85 minutes
COM_TIMO
128
16-bit unsigned
tFR
200μs
13.12s
NOLOAD
138
16-bit signed
IFS x VFS x tFR/218
per line-cycle; or IFS
x VFS/(NS x 218)
11.55nWh per line
cycle, or 2.079mW
0.3785mWh per line
cycle, or 136.25W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com