Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MAXQ3180-RAN+ Datasheet(PDF) 14 Page - Maxim Integrated Products

Part # MAXQ3180-RAN+
Description  Low-Power, Multifunction, Polyphase AFE
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAXQ3180-RAN+ Datasheet(HTML) 14 Page - Maxim Integrated Products

Back Button MAXQ3180-RAN+ Datasheet HTML 10Page - Maxim Integrated Products MAXQ3180-RAN+ Datasheet HTML 11Page - Maxim Integrated Products MAXQ3180-RAN+ Datasheet HTML 12Page - Maxim Integrated Products MAXQ3180-RAN+ Datasheet HTML 13Page - Maxim Integrated Products MAXQ3180-RAN+ Datasheet HTML 14Page - Maxim Integrated Products MAXQ3180-RAN+ Datasheet HTML 15Page - Maxim Integrated Products MAXQ3180-RAN+ Datasheet HTML 16Page - Maxim Integrated Products MAXQ3180-RAN+ Datasheet HTML 17Page - Maxim Integrated Products MAXQ3180-RAN+ Datasheet HTML 18Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 48 page
background image
transfers, allowing the active clock edge to signal the
start of a new transfer.
The clock rate used for the SPI interface is determined
by the bus master, since the MAXQ3180 always oper-
ates as an SPI slave device. However, the maximum
clock rate is limited by the system clock frequency of
the MAXQ3180. For proper communications operation,
the SPI clock frequency used by the master must be
less than or equal to the MAXQ3180’s clock frequency
divided by 8. For example, when the MAXQ3180 is run-
ning at 8MHz, the SPI clock frequency must be 1MHz
or less. And if the MAXQ3180 is running in LPMM Mode
(or if the crystal is still warming up), the SPI clock fre-
quency must remain at 125kHz or less for proper com-
munications operation.
In addition to limiting the overall SPI bus clock rate, the
master must also include a communications delay fol-
lowing each byte transmit/receive cycle. This delay,
which provides the MAXQ3180 with time to process the
transmitted byte, should be a minimum of 1 ADC scan
slot (time value contained in TIME_FS register, defined
as (R_ADCRATE + 1)/(system clock frequency). With
default settings and running at 8MHz, this delay time is
25μs. Reducing the system clock frequency to 1MHz
(LPMM mode) would increase this delay period by a
factor of 8μs to 200μs.
SPI Communications Protocol
All transactions between the master and the
MAXQ3180 consist of the master writing to or reading
from one of the MAXQ3180’s registers. There are sever-
al different categories of internal registers on the
MAXQ3180.
• RAM Registers. The values of these registers are
stored in the internal RAM of the MAXQ3180. Some
can be read and written by the master, while others
are read only. RAM registers are either two or four
bytes long (16 or 32 bits), although in some registers
not all the bits have defined values. Read/write regis-
ters are generally either status/flag registers (which
can be written by either the MAXQ3180 or the mas-
ter), configuration registers (which are written by the
master and read by the MAXQ3180 firmware), or
data registers (which are read only and are written
by the MAXQ3180 firmware and read by the master).
• Virtual Registers. These read-only registers are not
stored in RAM; instead, they contain values that are
calculated on the fly by the MAXQ3180 firmware
when the master reads them. These registers are
used by the master to obtain values such as phase
A, B, and C active, reactive, and apparent power;
power factor; and RMS voltage and current, which
are calculated from currently collected data on an
as-needed basis. All virtual registers are 4 bytes in
length.
• Hardware Registers. These registers control core
functions of the MAXQ3180 including the ADC and
the SPI slave bus controller. Each of these registers
(R_ACFG, R_ADCRATE, R_ADCADQ, R_SPICF, and
STATUS0 (bit 6, EXTCLK only)) has a register loca-
tion in RAM that “shadows” the value of the hardware
register. To read from a hardware register, the mas-
ter must first read from the special command register
UPD_MIR (A00h) to copy the values from the hard-
ware registers to the mirror registers in RAM, and
then the mirror register in RAM can be read. To write
to a hardware register, the master reverses the
process by writing to the mirror RAM register and
then reading from the special command register
UPD_SFR (900h) to copy the values from the mirror
registers to the hardware registers.
• Special Command Registers. These registers
(UPD_SFR and UPD_MIR) do not return meaningful
data when read but instead trigger an operation.
Reading UPD_SFR causes values to be copied from
the mirror registers to hardware, and reading
UPD_MIR causes values to be copied from the hard-
ware to mirror registers.
Every defined register on the MAXQ3180 has a 12-bit
address (from 0 to 4095). This address is used when
addressing the register for either a read or write opera-
tion. Addresses 0 to 1023 (000h to 3FFh) are used to
address RAM registers. Registers with addresses from
1024 to 4095 (400h to FFFh) are used for virtual regis-
ters and special command registers.
Each command consists of a read/write command
code, a data length (1, 2, 4, or 8 bytes), a 12-bit regis-
ter address, and the specified number of data bytes
followed optionally by a CRC. Since SPI is a full-duplex
interface, the master and slave must both transmit the
same number of bytes during the command. When a
multiple-byte register is read or written (2/4/8 byte
length), the least significant byte is read or written first
in the command.
Low-Power, Multifunction, Polyphase AFE
14
______________________________________________________________________________________



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com